Electronic Components Datasheet Search
  English  ▼

X  

BUJ103AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUJ103AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ103AD Datasheet(HTML) 3 Page - NXP Semiconductors

  BUJ103AD Datasheet HTML 1Page - NXP Semiconductors BUJ103AD Datasheet HTML 2Page - NXP Semiconductors BUJ103AD Datasheet HTML 3Page - NXP Semiconductors BUJ103AD Datasheet HTML 4Page - NXP Semiconductors BUJ103AD Datasheet HTML 5Page - NXP Semiconductors BUJ103AD Datasheet HTML 6Page - NXP Semiconductors BUJ103AD Datasheet HTML 7Page - NXP Semiconductors BUJ103AD Datasheet HTML 8Page - NXP Semiconductors BUJ103AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9397 750 14195
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
3 of 12
Philips Semiconductors
BUJ103AD
Silicon diffused power transistor
5.
Thermal characteristics
[1]
Device mounted on a printed-circuit board; minimum footprint.
6.
Characteristics
Table 4:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to mounting base
see Figure 2
-
-
1.56
K/W
Rth(j-a)
thermal resistance from junction to ambient
[1] -
75
-
K/W
Fig 2.
Transient thermal impedance from junction to mounting base as a function of pulse duration
001aab998
tp (s)
10−5
110
10−1
10−2
10−4
10−3
1
10−1
10
Zth(j-mb)
(K/W)
10−2
δ = 0.5
0.2
0.1
tp
tp
T
Ptot
t
T
δ =
0.01
0.05
0.02
Table 5:
Characteristics
Tmb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off
current
VBE = 0 V; VCE = VCESMmax
[1] -
-
1.0
mA
VBE = 0 V; VCE = VCESMmax; Tj = 125 °C
[1] -
-
2.0
mA
ICBO
collector-base cut-off current
VBE = 0 V; VCE = VCESMmax
[1] -
-
1.0
mA
ICEO
collector-emitter cut-off
current
VCEO = VCEOMmax = 400 V
[1] -
-
0.1
mA
IEBO
emitter-base cut-off current
VEB = 7 V; IC = 0 A
-
-
0.1
mA
VCEOsus
collector-emitter sustaining
voltage
IB = 0 A; IC = 10 mA; L = 25 mH;
see Figure 3 and 4
400
-
-
V
VCEsat
collector-emitter saturation
voltage
IC = 3.0 A; IB = 0.6 A; see Figure 10
-
0.25
1.0
V
VBEsat
base-emitter saturation
voltage
IC = 3.0 A; IB = 0.6 A; see Figure 11
-
0.97
1.5
V
hFE
DC current gain
IC = 1 mA; VCE = 5 V; see Figure 9
10
17
32
IC = 500 mA; VCE = 5 V
13
22
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com