Electronic Components Datasheet Search
  English  ▼

X  

PMEG6002EB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG6002EB
Description  0.2 A very low VF MEGA Schottky barrier rectifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6002EB Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG6002EB Datasheet HTML 1Page - NXP Semiconductors PMEG6002EB Datasheet HTML 2Page - NXP Semiconductors PMEG6002EB Datasheet HTML 3Page - NXP Semiconductors PMEG6002EB Datasheet HTML 4Page - NXP Semiconductors PMEG6002EB Datasheet HTML 5Page - NXP Semiconductors PMEG6002EB Datasheet HTML 6Page - NXP Semiconductors PMEG6002EB Datasheet HTML 7Page - NXP Semiconductors PMEG6002EB Datasheet HTML 8Page - NXP Semiconductors PMEG6002EB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an
integrated guard ring for stress protection, encapsulated in ultra small and flat lead
Surface-Mounted Device (SMD) plastic packages.
1.2 Features
I Forward current: IF ≤ 0.2 A
I Reverse voltage: VR ≤ 60 V
I Very low forward voltage
I Ultra small and flat lead SMD plastic packages
1.3 Applications
I Low voltage rectification
I High efficiency DC-to-DC conversion
I Switch mode power supply
I Reverse polarity protection
I Low power consumption applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01 — 24 November 2006
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
PMEG6002EB
SOD523
SC-79
single
PMEG6002TV
SOT666
-
dual isolated
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
Tamb ≤ 25 °C
-
-
0.2
A
VR
reverse voltage
-
-
60
V
VF
forward voltage
IF = 200 mA
[1] -
540
600
mV


Similar Part No. - PMEG6002EB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6002EB NEXPERIA-PMEG6002EB Datasheet
645Kb / 10P
0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01 - 24 November 2006
PMEG6002EB-Q NEXPERIA-PMEG6002EB-Q Datasheet
184Kb / 8P
60 V, 0.2 A very low VF MEGA Schottky barrier rectifier
26 April 2022
logo
NXP Semiconductors
PMEG6002EB115 NXP-PMEG6002EB115 Datasheet
74Kb / 10P
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
Rev. 01-24 November 2006
More results

Similar Description - PMEG6002EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005AEA PHILIPS-PMEG2005AEA Datasheet
72Kb / 10P
Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG2005AEA NXP-PMEG2005AEA Datasheet
311Kb / 10P
Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV PHILIPS-PMEG2005AEV_15 Datasheet
316Kb / 10P
Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
logo
Nexperia B.V. All right...
PMEG6002EB NEXPERIA-PMEG6002EB Datasheet
645Kb / 10P
0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01 - 24 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com