Electronic Components Datasheet Search
  English  ▼

X  

DS3142 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS3142
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3142 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS3142 Datasheet HTML 41Page - Maxim Integrated Products DS3142 Datasheet HTML 42Page - Maxim Integrated Products DS3142 Datasheet HTML 43Page - Maxim Integrated Products DS3142 Datasheet HTML 44Page - Maxim Integrated Products DS3142 Datasheet HTML 45Page - Maxim Integrated Products DS3142 Datasheet HTML 46Page - Maxim Integrated Products DS3142 Datasheet HTML 47Page - Maxim Integrated Products DS3142 Datasheet HTML 48Page - Maxim Integrated Products DS3142 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
45 of 88
7.9 BERT
The BERT block can generate and detect the following patterns:
§ Maximal-length pseudorandom patterns up to 231 - 1
§ A repetitive pattern from 1 to 32 bits in length
§ Alternating (16-bit) words that alternate every 1 to 256 words
The BERT receiver has a 24-bit error counter and 32-bit bit counter to allow testing to proceed for long periods
without host processor intervention. It can generate interrupts on detecting a bit error, a change in synchronization,
or a counter overflow. The BERT can be selected to transmit and receive on the line side or the equipment side.
The synchronization algorithm works on a 32-bit block of data, not in a sliding window fashion.
The DS3/E3 formatter can be configured to transmit AIS when the BERT is not being used to test the far end, such
as when DLB is active or when BM[1:0] = 1X. When DLB is active, the BERT is used to test the inner workings of
the chip, and when BM[1:0] = 1X, the BERT is used to test devices connected on the equipment side (TDAT and
RDAT). In either case, BERT patterns are transmitted to the far end on TPOS and TNEG unless the DS3/E3
formatter is configured to transmit AIS by setting T3E3CR1:TAIS = 1.
7.9.1 BERT Register Description
Table 7-G. BERT Register Map
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
30h
BCR1
BM1
BM0
BENA
TINV
RINV
RESYNC
TC
LC
31h
BCR2
N/A
PS2
PS1
PS0
RPL3
RPL2
RPL1
RPL0
32h
BCR3
N/A
N/A
N/A
N/A
EIB2
EIB1
EIB0
SBE
33h
BCR4
AWC7
AWC6
AWC5
AWC4
AWC3
AWC2
AWC1
AWC0
38h
BSR
N/A
N/A
RA1
RA0
N/A
BBCO
BECO
SYNC
39h
BSRL
N/A
N/A
RA1L
RA0L
BEDL
BBCOL
BECOL
SYNCL
3Ah
BSRIE
N/A
N/A
N/A
N/A
BEDIE
BBCOIE
BECOIE
SYNCIE
3Ch
BRPR1
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
3Dh
BRPR2
RP15
RP14
RP13
RP12
RP11
RP10
RP9
RP8
3Eh
BRPR3
RP23
RP22
RP21
RP20
RP19
RP18
RP17
RP16
3Fh
BRPR4
RP31
RP30
RP29
RP28
RP27
RP26
RP25
RP24
40h
BBCR1
BBC7
BBC6
BBC5
BBC4
BBC3
BBC2
BBC1
BBC0
41h
BBCR2
BBC15
BBC14
BBC13
BBC12
BBC11
BBC10
BBC9
BBC8
42h
BBCR3
BBC23
BBC22
BBC21
BBC20
BBC19
BBC18
BBC17
BBC16
43h
BBCR4
BBC31
BBC30
BBC29
BBC28
BBC27
BBC26
BBC25
BBC24
44h
BBECR1
BEC7
BEC6
BEC5
BEC4
BEC3
BEC2
BEC1
BEC0
45h
BBECR2
BEC15
BEC14
BEC13
BEC12
BEC11
BEC10
BEC9
BEC8
46h
BBECR3
BEC23
BEC22
BEC21
BEC20
BEC19
BEC18
BEC17
BEC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com