Electronic Components Datasheet Search
  English  ▼

X  

MAX6736 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6736
Description  Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6736 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6736 Datasheet HTML 1Page - Maxim Integrated Products MAX6736 Datasheet HTML 2Page - Maxim Integrated Products MAX6736 Datasheet HTML 3Page - Maxim Integrated Products MAX6736 Datasheet HTML 4Page - Maxim Integrated Products MAX6736 Datasheet HTML 5Page - Maxim Integrated Products MAX6736 Datasheet HTML 6Page - Maxim Integrated Products MAX6736 Datasheet HTML 7Page - Maxim Integrated Products MAX6736 Datasheet HTML 8Page - Maxim Integrated Products MAX6736 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC1, VCC2, POK1 to GND ......................................-0.3V to +6V
Open-Drain RESET, PFO to GND.............................-0.3V to +6V
Push-Pull RESET to GND..........................-0.3V to (VCC1 + 0.3V)
MR, RSTIN, PFI to GND............................-0.3V to (VCC1 + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/
°C above +70°C)..............247mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40°C to 0°C
1.2
5.5
Operating Voltage Range
VCC1,
VCC2
TA = 0°C to +85°C
1.0
5.5
V
VCC1 = 3.3V, VCC1 > VCC2, no load, reset
not asserted
510
VCC1 Supply Current
ICC1
VCC1 = 1.8V, VCC1 < VCC2, no load, reset
not asserted
510
µA
VCC2 = 1.8V, VCC2 < VCC1, no load, reset
not asserted
12
VCC2 Supply Current
ICC2
VCC2 = 3.3V, VCC2 > VCC1, no load, reset
not asserted
10
20
µA
TA = 0°C to +85°C
4.500
4.625
4.750
MAX67_ _L
TA = -40°C to +85°C
4.425
4.825
TA = 0°C to +85°C
4.250
4.375
4.500
MAX67_ _M
TA = -40°C to +85°C
4.175
4.575
TA = 0°C to +85°C
3.000
3.075
3.150
MAX67_ _T
TA = -40°C to +85°C
2.950
3.200
TA = 0°C to +85°C
2.850
2.925
3.000
MAX67_ _S
TA = -40°C to +85°C
2.800
3.050
TA = 0°C to +85°C
2.550
2.625
2.700
MAX67_ _R
TA = -40°C to +85°C
2.505
2.745
TA = 0°C to +85°C
2.250
2.313
2.375
MAX67_ _Z
TA = -40°C to +85°C
2.213
2.413
TA = 0°C to +85°C
2.125
2.188
2.250
MAX67_ _Y
TA = -40°C to +85°C
2.088
2.288
TA = 0°C to +85°C
1.620
1.665
1.710
MAX67_ _W
TA = -40°C to +85°C
1.593
1.737
TA = 0°C to +85°C
1.530
1.575
1.620
Reset Threshold for VCC1VTH1
MAX67_ _V
TA = -40°C to +85°C
1.503
1.647
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com