Electronic Components Datasheet Search
  English  ▼

X  

DS3152N Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS3152N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3152N Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS3152N Datasheet HTML 1Page - Maxim Integrated Products DS3152N Datasheet HTML 2Page - Maxim Integrated Products DS3152N Datasheet HTML 3Page - Maxim Integrated Products DS3152N Datasheet HTML 4Page - Maxim Integrated Products DS3152N Datasheet HTML 5Page - Maxim Integrated Products DS3152N Datasheet HTML 6Page - Maxim Integrated Products DS3152N Datasheet HTML 7Page - Maxim Integrated Products DS3152N Datasheet HTML 8Page - Maxim Integrated Products DS3152N Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
5 of 61
FEATURES (continued)
Receiver
AGC/equalizer block handles from 0 to 15dB of cable loss
Loss-of-lock (LOL) PLL status indication
Interfaces directly to a DSX monitor signal (~20dB flat loss) using built-in preamp
Digital and analog loss-of-signal (LOS) detectors (ANSI T1.231 and ITU G.775)
Optional B3ZS/HDB3 decoder
Line-code violation output pin and counter
Binary or bipolar framer interface
On-board 2
15 - 1 and 223 - 1 PRBS detector
Clock inversion for glueless interfacing
Tri-state clock and data outputs support protection switching applications
Per-channel power-down control
Transmitter
Binary or bipolar framer interface
Gapped clock capable up to 51.84MHz
Wide 50
±20% transmit clock duty cycle
Clock inversion for glueless interfacing
Optional B3ZS/HDB3 encoder
On-board 2
15 - 1 and 223 - 1 PRBS generator
Complete DS3 AIS generator (ANSI T1.107)
Unframed all-ones generator (E3 AIS)
Line build-out (LBO) control
Tri-state line driver outputs support protection switching applications
Per-channel power-down control
Output driver monitor
1. DETAILED DESCRIPTION
The DS3151 (single), DS3152 (dual), DS3153 (triple), and DS3154 (quad) LIUs perform the functions necessary
for interfacing at the physical layer to DS3, E3, or STS-1 lines. Each LIU has independent receive and transmit
paths and a built-in jitter attenuator. The receiver performs clock and data recovery from a B3ZS- or HDB3-coded
alternate mark inversion (AMI) signal and monitors for loss of the incoming signal. The receiver optionally performs
B3ZS/HDB3 decoding and outputs the recovered data in either binary or bipolar format. The transmitter accepts
data in either binary or bipolar format, optionally performs B3ZS/HDB3 encoding, and drives standard pulse-shape
waveforms onto 75
Ω coaxial cable. The jitter attenuator can be mapped into the receiver data path, mapped into
the transmitter data path, or be disabled. The DS315x LIUs conform to the telecommunications standards listed in
Table 1-A. Figure 1-1 shows the external components required for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com