Electronic Components Datasheet Search
  English  ▼

X  

MAX6740 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6740
Description  Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6740 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6740 Datasheet HTML 2Page - Maxim Integrated Products MAX6740 Datasheet HTML 3Page - Maxim Integrated Products MAX6740 Datasheet HTML 4Page - Maxim Integrated Products MAX6740 Datasheet HTML 5Page - Maxim Integrated Products MAX6740 Datasheet HTML 6Page - Maxim Integrated Products MAX6740 Datasheet HTML 7Page - Maxim Integrated Products MAX6740 Datasheet HTML 8Page - Maxim Integrated Products MAX6740 Datasheet HTML 9Page - Maxim Integrated Products MAX6740 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
6
_______________________________________________________________________________________
NORMALIZED VCC/POK1/MR
TIMEOUT PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.989
0.994
0.999
1.004
1.009
1.014
1.019
0.984
-40
80
MAXIMUM VCC1/VCC2 TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
100
10
100
1000
10,000
0
10
1000
VCC1
VCC2
RESET OCCURS ABOVE
THESE LINES
NORMALIZED VCC RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.993
0.998
1.003
1.008
0.988
-40
80
NORMALIZED TO +25
°C
VCC TO RESET OUTPUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
33.5
38.5
43.5
48.5
28.5
-40
80
100mV OVERDRIVE
RESET INPUT TO RESET OUTPUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
25
30
35
20
-40
80
100mV OVERDRIVE
POWER-FAIL INPUT TO POWER-FAIL
OUTPUT DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
29
39
44
49
24
-40
80
100mV OVERDRIVE
RISING EDGE
FALLING EDGE
34
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com