Electronic Components Datasheet Search
  English  ▼

X  

DS2149Q Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2149Q
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149Q Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2149Q Datasheet HTML 17Page - Maxim Integrated Products DS2149Q Datasheet HTML 18Page - Maxim Integrated Products DS2149Q Datasheet HTML 19Page - Maxim Integrated Products DS2149Q Datasheet HTML 20Page - Maxim Integrated Products DS2149Q Datasheet HTML 21Page - Maxim Integrated Products DS2149Q Datasheet HTML 22Page - Maxim Integrated Products DS2149Q Datasheet HTML 23Page - Maxim Integrated Products DS2149Q Datasheet HTML 24Page - Maxim Integrated Products DS2149Q Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DS2149
21 of 32
Figure 10-1. Loopbacks in the DS2149 Block Diagram
10.2Internal Pattern Generation and Detection
10.2.1 Transmit Alarm-Indication Signal (TAIS)
When TAIS is enabled (set TAIS in CR2, or pulling the TAIS pin high), the transmitter inputs
TPOS/TNEG and TDATA are ignored and the devices transmits unframed all ones at the transmitter
outputs at the TCLK frequency. If TCLK is not present, then the device uses MCLK to transmit. Both
TAIS and LLB can be enabled at the same time. The transmitter input data is looped back to the receiver
outputs through the jitter attenuator if enabled and the unframed all ones pattern is transmitted at TTIP
and TRING.
10.2.2 Quasirandom Signal Source (QRSS)
The QRSS data pattern is described in AT&T 62411. The pattern is represented by the polynomial 220- 1
with the additional requirement that no more than 14 consecutive 0s be present in the pattern. When
QRSS is enabled (PAT0 = 0 and PAT1 = 1 in CR2 or float the QRSS pin), the data at the transmitter
inputs TPOS/TNEG or TDATA is ignored and replaced by the output of the QRSS pattern generator. In
addition, logic errors can be inserted into the data pattern with a rising edge on the INSLER input pin. If
no logic errors are to be inserted, then the INSLER pin must remain low. If the logic error occurs on the
same clock cycle as a 1 that has been inserted to suppress 15 0s, then the logic error is delayed until the
next clock cycle. The logic error insertion is available in both NRZ and bipolar data modes. Enabling the
QRSS pattern also enables the QRSS detector in the receiver. Pattern synchronization occurs when there
are no errors in 64 bits. When synchronized, the QPD output pin goes low. Once synchronized, an error
in the pattern causes the QPD output to go high for one-half RCLK cycle. In software mode, the level on
the CLKE pin determines the relationship between QPD and RCLK. When CLKE is low, QPD is high
when RCLK is high. When CLKE is high, QPD is high when RCLK is low. The QPD output can be used
to trigger an external bit error counter. When RCL is active or the receiver is not synchronized to the
QRSS pattern, then QPD maintains an output high.
TPOS
TCLK
TNEG
RPOS
RCLK
RNEG
RCL/QPD
NLOOP
TRING
TTIP
RRING
RTIP
VCO/PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com