Electronic Components Datasheet Search
  English  ▼

X  

DS3154N Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS3154N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3154N Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS3154N Datasheet HTML 35Page - Maxim Integrated Products DS3154N Datasheet HTML 36Page - Maxim Integrated Products DS3154N Datasheet HTML 37Page - Maxim Integrated Products DS3154N Datasheet HTML 38Page - Maxim Integrated Products DS3154N Datasheet HTML 39Page - Maxim Integrated Products DS3154N Datasheet HTML 40Page - Maxim Integrated Products DS3154N Datasheet HTML 41Page - Maxim Integrated Products DS3154N Datasheet HTML 42Page - Maxim Integrated Products DS3154N Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
39 of 61
Figure 13-2. Receiver Framer Interface Timing Diagram
Table 13-D. Receiver Input Characteristics—DS3 and STS-1 Modes
(VDD = 3.3V ±5%, TA = -40°C to +85°C.)
PARAMETER
MIN
TYP
MAX
UNITS
Receive Sensitivity (Length of Cable)
900
1200
ft
Signal-to-Noise Ratio, Interfering Signal Test (Notes 13, 14)
10
Input Pulse Amplitude, RMON = 0 (Notes 14, 15)
1000
mVpk
Input Pulse Amplitude, RMON = 1 (Note 14, 15)
200
mVpk
Analog LOS Declare, RMON = 0 (Note 16)
-24
dB
Analog LOS Clear, RMON = 0 (Note 16)
-21
dB
Analog LOS Declare, RMON = 1 (Note 16)
-38
dB
Analog LOS Clear, RMON = 1 (Note 16)
-35
dB
Intrinsic Jitter Generation (Note 14)
0.03
UIP-P
Table 13-E. Receiver Input Characteristics—E3 Mode
(VDD = 3.3V ±5%, TA = -40°C to +85°C.)
PARAMETER
MIN
TYP
MAX
UNITS
Receive Sensitivity (Length of Cable)
900
1200
ft
Signal-to-Noise Ratio, Interfering Signal Test (Notes 13, 14)
12
Input Pulse Amplitude, RMON = 0 (Notes 14, 15)
1300
mVpk
Input Pulse Amplitude, RMON = 1 (Notes 14, 15)
260
mVpk
Analog LOS Declare, RMON = 0 (Note 16)
-24
dB
Analog LOS Clear, RMON = 0 (Note 16)
-21
dB
Analog LOS Declare, RMON = 1 (Note 16)
-38
dB
Analog LOS Clear, RMON = 1 (Note 16)
-35
dB
Intrinsic Jitter Generation (Note 14)
0.03
UIP-P
Note 13: An interfering signal (2
15 - 1 PRBS for DS3/STS-1, 223 - 1 PRBS for E3, B3ZS/HDB3 encoded, compliant waveshape, nominal bit rate)
is added to the wanted signal. The combined signal is passed through 0 to 900ft of coaxial cable and presented to the DS3154
receiver. This spec indicates the lowest signal-to-noise ratio that results in a bit error ratio <10
-9.
Note 14: Not tested during production test.
Note 15: Measured on the line side (i.e., the BNC connector side) of the 1:2 receive transformer (Figure 1-1). During measurement, incoming
data traffic is unframed 2
15 - 1 PRBS for DS3/STS-1 and unframed 223 - 1 PRBS for E3.
Note 16: With respect to nominal 800mVpk signal for DS3/STS-1 and nominal 1000mVpk signal for E3.
RCLK (NORMAL)
RPOS/RDAT,
RNEG/RLCV
t6
t1
t2
t3
RCLK (INVERTED)
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com