Electronic Components Datasheet Search
  English  ▼

X  

MAX6765 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6765
Description  Automotive Micropower Linear Regulators with Supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6765 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6765 Datasheet HTML 1Page - Maxim Integrated Products MAX6765 Datasheet HTML 2Page - Maxim Integrated Products MAX6765 Datasheet HTML 3Page - Maxim Integrated Products MAX6765 Datasheet HTML 4Page - Maxim Integrated Products MAX6765 Datasheet HTML 5Page - Maxim Integrated Products MAX6765 Datasheet HTML 6Page - Maxim Integrated Products MAX6765 Datasheet HTML 7Page - Maxim Integrated Products MAX6765 Datasheet HTML 8Page - Maxim Integrated Products MAX6765 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 0.1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
L/T/Z/W, SET = resistive divider, RESET
falling
VOUT x
0.9
VOUT x
0.925
VOUT x
0.950
RESET Threshold (Adjustable
Output Voltage)
M/S/Y/V, SET = resistive divider, RESET
falling
VOUT x
0.85
VOUT x
0.875
VOUT x
0.900
V
RESETIN Input Current
RESETIN = GND or 12V
-100
+100
nA
VTH = 87.5% of VSET (M/S/Y/V),
RESET falling
1.057
1.085
1.112
RESETIN Threshold
VTH = 92.5% of VSET (L/T/Z/W),
RESET falling
1.118
1.147
1.176
V
OUT to RESET Delay
VOUT falling
0.3
µs
RESETIN To RESET Delay
RESETIN falling
35
µs
D0
75
µs
D1
2.187
3.125
4.063
D2
8.75
12.5
16.25
D3
35
50
65
RESET Timeout Period (TIMEOUT
Connected to OUT)
VOUT rising
D4
140
200
260
ms
TIMEOUT Ramp Current
800
1000
1200
nA
TIMEOUT Ramp Threshold
1.160
1.22
1.259
V
VOUT
≥ 1.8V, ISINK = 50µA,
RESET asserted
0.3
RESET Output-Voltage Low
(Open Drain or Push-Pull)
VOL
VOUT
≥ 1.8V, ISINK = 3.2mA,
RESET asserted
0.4
V
RESET Output-Voltage High
(Push-Pull)
VOH
VOUT
≥ 1.8V, ISOURCE = 250µA,
RESET not asserted
0.8 x
VOUT
V
RESET Open-Drain Leakage
Current
RESET not asserted, RESET = 12V
100
nA
Watchdog Minimum Input Pulse
tWDI
1.8V
≤ VOUT ≤ 11V
1
µs
Watchdog Input Low Voltage
VIL
1.8V
≤ VOUT ≤ 11V
0.4
V
Watchdog Input High Voltage
VIH
1.8V
≤ VOUT ≤ 11V
VOUT
- 0.4V
V
Watchdog Input Low Voltage
VIL
1.8V
≤ VOUT ≤ 11V
0.4
V
Watchdog Input Current
IWDI
WDI = 0V or WDI = 12V
-1
+1
µA
MAX6773/MAX6774
1.12
1.6
2.08
s
Watchdog Timeout Period
tWD
MAX6773B/MAX6774B
40
50
60
ms
Note 1: Production tested at TA = +25°C. Overtemperature limits are guaranteed by design.
Note 2: Device tested at internally set voltage.
Note 3: Dropout voltage for L/M versions is defined as (VIN - VOUT) when VOUT equals 98% of the nominal value of VOUT when
VIN = 11V. For T/S versions, dropout voltage is defined as (VIN - VOUT) when VOUT equals 98% of the nominal value of VOUT
when VIN = 9.3V.
Note 4: Observe the absolute maximum power dissipation limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com