Electronic Components Datasheet Search
  English  ▼

X  

MAX6771 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6771
Description  Automotive Micropower Linear Regulators with Supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6771 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6771 Datasheet HTML 1Page - Maxim Integrated Products MAX6771 Datasheet HTML 2Page - Maxim Integrated Products MAX6771 Datasheet HTML 3Page - Maxim Integrated Products MAX6771 Datasheet HTML 4Page - Maxim Integrated Products MAX6771 Datasheet HTML 5Page - Maxim Integrated Products MAX6771 Datasheet HTML 6Page - Maxim Integrated Products MAX6771 Datasheet HTML 7Page - Maxim Integrated Products MAX6771 Datasheet HTML 8Page - Maxim Integrated Products MAX6771 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX6765–MAX6774B are low-quiescent-current,
high-voltage linear regulators that operate from 4V to 72V
and deliver up to 100mA of load current. These low-
power devices consume only 31µA of quiescent current,
making them ideal for always-on automotive modules.
These devices are offered with fixed standard output
options of 5.0V, 3.3V, 2.5V, and 1.8V, or can be adjusted
from 1.8V to 11V with two external resistors.
The MAX6765–MAX6774B feature a push-pull or open-
drain, active-low RESET output with either fixed or
adjustable thresholds. Whenever the regulator’s output
falls below the reset threshold, the RESET output asserts
and remains asserted for at least the minimum reset
timeout period after the output voltage exceeds its
threshold. The minimum reset timeout period is offered
with fixed values from 75µs to 200ms or can be adjusted
externally with a small capacitor.
These devices provide three regulator enable modes to
accommodate several power-on schemes. The
MAX6765/MAX6766/MAX6769/MAX6770/MAX6773/
MAX6773B/MAX6774/MAX6774B feature a single tradi-
tional enable input (ENABLE) to turn on and off the regula-
tor. The MAX6771/MAX6772 provide dual enable inputs
(ENABLE1 and ENABLE2) to turn on and off the regulator
either through an ignition switch or a bus transceiver. The
MAX6767/MAX6768 provide a hold input (HOLD) in addi-
tion to the enable input to allow for the implementation of a
self-holding circuit without requiring external components.
Setting HOLD low after enabling the regulator forces the
regulator to remain on even if ENABLE is subsequently
set low. Releasing HOLD shuts down the regulator.
The MAX6773/MAX6773B/MAX6774/MAX6774B also
include a watchdog input that monitors a pulse train from
the microprocessor (µP) and generates a reset pulse if
the watchdog input remains high or low for a duration
longer than the 1.6s (typ) (MAX6773/MAX6774) or 50ms
(typ) (MAX6773B/MAX6774B) watchdog timeout period.
The MAX6765–MAX6774B are available in a small, ther-
mally enhanced 3mm x 3mm TDFN package that can
dissipate up to 1.951W, thereby supporting continuous
regulator operation during high ambient temperatures,
high battery voltage, and high load-current conditions.
The MAX6765–MAX6774B are fully specified for a -40°C
to +125°C operating temperature range.
Applications
Automotive
Industrial
Telecom
Features
o Low 31µA Quiescent Current
o 4V to 72V Wide Input Voltage Range
o 100mA Output Current Capability
o Dropout Voltage of 620mV with 5V Output
at 100mA
o Fixed Output-Voltage Options: 5V, 3.3V, 2.5V,
and 1.8V
o Watchdog Timer Option (1.6s (MAX6773/
MAX6774) and 50ms (MAX6773B/MAX6774B))
o Adjustable Output Voltages from 1.8V to 11V
o Open-Drain or Push-Pull RESET Output
o Fixed or Capacitor-Adjustable Reset Timeouts
o Small, Thermally Enhanced 1.9W, 3mm x 3mm
TDFN Package
o Overtemperature and Short-Circuit Protection
o Fully Specified from -40°C to +125°C
Automotive Micropower Linear Regulators
with Supervisor
________________________________________________________________
Maxim Integrated Products
1
1
+
23
EP
654
MAX6765
MAX6766
TDFN
TOP VIEW
PART
TEMP
RANGE
PIN-
PACKAGE
MAX6765TT_D_+
-40°C to +125°C
6 TDFN-EP*
MAX6765TT_D_/V+
-40°C to +125°C
6 TDFN-EP*
Pin Configurations
Ordering Information
19-0657; Rev 4; 6/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
Typical Application Circuit and Selector Guide appear at
end of data sheet.
Pin Configurations continued at end of data sheet.
EVALUATION
KIT
AVAILABLE
The first “_” is a placeholder for the voltage output and reset
threshold. The 2nd “_” designates the fixed reset-timeout option.
See Tables 1 and 2 for details. For example, the MAX6765TTLD4
has a 5V output, a reset threshold of 4.65V, and a 200ms typical
reset timeout.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.
For tape-and-reel orders add a “T” after the “+” symbol to com-
plete the part number. Tape-and-reel orders are available in
2.5k increments. Nonstandard versions require a 10k minimum
order quantity.


Similar Part No. - MAX6771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6771 MAXIM-MAX6771 Datasheet
686Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6771 MAXIM-MAX6771 Datasheet
295Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6771 MAXIM-MAX6771 Datasheet
200Kb / 11P
Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6771 MAXIM-MAX6771 Datasheet
214Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6771TALD2+T MAXIM-MAX6771TALD2+T Datasheet
295Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
More results

Similar Description - MAX6771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
500mA Micropower VLDO Linear Regulators
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com