Electronic Components Datasheet Search
  English  ▼

X  

MAX6772 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX6772
Description  Automotive Micropower Linear Regulators with Supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6772 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX6772 Datasheet HTML 14Page - Maxim Integrated Products MAX6772 Datasheet HTML 15Page - Maxim Integrated Products MAX6772 Datasheet HTML 16Page - Maxim Integrated Products MAX6772 Datasheet HTML 17Page - Maxim Integrated Products MAX6772 Datasheet HTML 18Page - Maxim Integrated Products MAX6772 Datasheet HTML 19Page - Maxim Integrated Products MAX6772 Datasheet HTML 20Page - Maxim Integrated Products MAX6772 Datasheet HTML 21Page - Maxim Integrated Products MAX6772 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Ensuring a Valid
RESET Output Down to
VIN = 0V (MAX6766/MAX6768/MAX6770/
MAX6772/MAX6774/MAX6774B)
When VIN falls below 1V, RESET current-sinking capa-
bilities decline drastically. High-impedance CMOS-
logic inputs connected to RESET can drift to
undetermined voltages. This presents no problems in
most applications, since most µPs and other circuitry
do not operate with supply voltages below 1V. In those
applications where RESET must be valid down to 0V,
adding a pulldown resistor between RESET and ground
sinks any stray leakage currents, holding RESET low
(Figure 5). The value of the pulldown resistor is not criti-
cal; 100k
Ω is large enough not to load RESET and
small enough to pull RESET to ground. Open-drain
RESET versions are not recommended for applications
requiring valid logic for VIN down to 0V.
Automotive Micropower Linear Regulators
with Supervisor
18
______________________________________________________________________________________
PART
OUTPUT
VOLTAGE (V)
RESET TIMEOUT
PERIOD (ms)
RESET THRESHOLD
(V)
TOP MARK
MAX6765TTLD2+T
5
12.5
4.625
+AQB
MAX6765TTSD2+T
3.3
12.5
2.888
+AQL
MAX6766TTLD2+T
5
12.5
4.625
+ARO
MAX6766TTSD2+T
3.3
12.5
2.888
+ARZ
MAX6767TALD2+T
5
12.5
4.625
+AVI
MAX6767TASD2+T
3.3
12.5
2.888
+AVS
MAX6768TALD2+T
5
12.5
4.625
+AVZ
MAX6768TASD2+T
3.3
12.5
2.888
+AXE
MAX6769TALD2+T
5
12.5
4.625
+AYH
MAX6769TASD2+T
3.3
12.5
2.888
+AYQ
MAX6770TALD2+T
5
12.5
4.625
+AZS
MAX6770TASD2+T
3.3
12.5
2.888
+BAC
MAX6771TALD2+T
5
12.5
4.625
+BEG
MAX6771TASD2+T
3.3
12.5
2.888
+BEQ
MAX6772TALD2+T
5
12.5
4.625
+APY
MAX6772TASD2+T
3.3
12.5
2.888
+BGC
MAX6773TALD2+T
5
12.5
4.625
+BBG
MAX6773TASD2+T
3.3
12.5
2.888
+AQE
MAX6773BTALD2+T
5
12.5
4.625
+BHK
MAX6773BTASD2+T
3.3
12.5
2.888
+BHU
MAX6774TALD2+T
5
12.5
4.625
+BCS
MAX6774TASD2+T
3.3
12.5
2.888
+BDC
MAX6774BTALD2+T
5
12.5
4.625
+BIY
MAX6774BTASD2+T
3.3
12.5
2.888
+BJI
Table 4. Standard Version Part Numbers
MAX6766
MAX6768
MAX6770
MAX6772
MAX6774
MAX6774B
RESET
GND
IN
VIN
Figure 5. Ensuring RESET Valid to VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com