Electronic Components Datasheet Search
  English  ▼

X  

MAX792D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX792D
Description  Microprocessor and Nonvolatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX792D Datasheet HTML 1Page - Maxim Integrated Products MAX792D Datasheet HTML 2Page - Maxim Integrated Products MAX792D Datasheet HTML 3Page - Maxim Integrated Products MAX792D Datasheet HTML 4Page - Maxim Integrated Products MAX792D Datasheet HTML 5Page - Maxim Integrated Products MAX792D Datasheet HTML 6Page - Maxim Integrated Products MAX792D Datasheet HTML 7Page - Maxim Integrated Products MAX792D Datasheet HTML 8Page - Maxim Integrated Products MAX792D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Microprocessor and Nonvolatile
Memory Supervisory Circuits
________________________________________________________________ Maxim Integrated Products
1
19-0147; Rev. 4; 11/05
General Description
The MAX792/MAX820 microprocessor (µP) supervisory
circuits provide the most functions for power-supply
and watchdog monitoring in systems without battery
backup. Built-in features include the following:
•µP reset: Assertion of RESET and RESET outputs during
power-up, power-down, and brownout conditions.
RESET is guaranteed valid for VCC down to 1V.
•Manual-reset input.
• Two-stage power-fail warning: A separate low-line
comparator compares VCC to a preset threshold
120mV above the reset threshold; the low-line and
reset thresholds can be programmed externally.
• Watchdog fault output: Assertion of WDO if the watchdog
input is not toggled within a preset timeout
period.
• Pulsed watchdog output: Advance warning of
impending WDO assertion from watchdog timeout that
causes hardware shutdown.
• Write protection of CMOS RAM, EEPROM, or other
memory devices.
The MAX792 and MAX820 are identical, except the
MAX820 guarantees higher low-line and reset threshold
accuracy (±2%).
Applications
Computers
Controllers
Intelligent Instruments
Critical µP Power Monitoring
Features
♦ Manual-Reset Input
♦ 200ms Power-OK/Reset Time Delay
♦ Independent Watchdog Timer—Preset or Adjustable
♦ On-Board Gating of Chip-Enable Signals
♦ Memory Write-Cycle Completion
♦ 10ns (max) Chip-Enable Gate Propagation Delay
♦ Voltage Monitor for Overvoltage Warning
♦ ±2% Reset and Low-Line Threshold Accuracy
(MAX820, external programming mode)
MAX792
4
5
7
8
9
1
10
6
14
ADDRESS
DECODER
RESET IN/INT
LLIN/
REFOUT
OVI
SWT
3
VCC
GND
12
MR
RESET
LOW LINE
OVO
CE IN
CE OUT
0.1µF
VCC
RAM
A0-A15
VCC
GND
NMI
RESET
µP
13
Typical Operating Circuit
PART**
TEMP. RANGE
PIN-PACKAGE
MAX792_CPE
0°C to +70°C
16 Plastic DIP
MAX792_CSE
0°C to +70°C
16 Narrow SO
MAX792_C/D
0°C to +70°C
Dice*
SUFFIX
RESET THRESHOLD (V)
4.62
4.37
3.06
2.91
2.61
L
M
T
S
R
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
Ordering Information continued at end of data sheet.
* Dice are tested at TA = +25°C, DC parameters only.
**These parts offer a choice of five different reset threshold voltages.
Select the letter corresponding to the desired nominal reset threshold
voltage and insert it into the blank to complete the part number.
Devices in PDIP, SO and µMAX packages are available in both lead-
ed and lead-free packaging. Specify lead free by adding the + sym-
bol at the end of the part number when ordering. Lead free not avail-
able for CERDIP package.


Similar Part No. - MAX792D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792 Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
MAX792LC/D MAXIM-MAX792LC/D Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
MAX792LCPE MAXIM-MAX792LCPE Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
MAX792LCSE MAXIM-MAX792LCSE Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
MAX792LEJE MAXIM-MAX792LEJE Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
More results

Similar Description - MAX792D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
MAX792 MAXIM-MAX792 Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com