Electronic Components Datasheet Search
  English  ▼

X  

MAX5087BATE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5087BATE
Description  45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5087BATE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5087BATE Datasheet HTML 1Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 2Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 3Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 4Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 5Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 6Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 7Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 8Page - Maxim Integrated Products MAX5087BATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
45V, 400mA, Low-Quiescent-Current
Linear Regulator with Adjustable Reset Delay
_______________________________________________________________________________________
3
Note 2: Limits at TA = -40°C are guaranteed by design.
Note 3: Output voltage is tested using a pulsed load current of less than 50ms duration.
Note 4: Dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT + 3V.
Note 5: Startup time measured from 50% of VIN to 90% of VOUT.
Note 6: Continuous short-circuit protection for VIN > 14V not guaranteed.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, IOUT = 1mA, CIN = 47µF (low ESR), COUT = 15µF, VEN = 2.4V, 10k
Ω from RESET to OUT, TA = TJ = -40°C to +125°C,
unless otherwise noted. Typical specifications are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VEN = 2.4V
0.35
Enable Input Current
IEN
VEN = 14V
3.4
µA
SET Reference Voltage
VSET
1.200
1.235
1.260
V
SET Input Leakage Current
ISET
-100
+0.5
+100
nA
Load Regulation
ΔVOUT /
ΔIOUT
IOUT = 1mA to 400mA (Note 3)
0.1
0.35
Ω
Power-Supply Rejection Ratio
PSRR
IOUT = 10mA, f = 100Hz, 500mVP-P,
VOUT = 5V
70
dB
Short-Circuit Current
ISC
VIN < 14V (Note 6)
640
mA
Thermal Shutdown Temperature
TJ(SHDN)
175
°C
Thermal Shutdown Hysteresis
ΔTJ(SHDN)
25
°C
RESET Voltage Threshold
VRESET
89
92
94
% VOUT
RESET Threshold Hysteresis
VRHYST
2% VOUT
RESET Output Low Voltage
VRL
ISINK = 1mA
0.4
V
RESET Output Leakage Current
IRH
VRESET = 5V
1
µA
RESET Output Minimum Timeout
Period
When VOUT reaches RESET threshold,
CCT = Open
15
µs
ENABLE to RESET Minimum
Timeout Period
When EN goes high, CCT = open
170
µs
Delay Comparator Threshold
(Rising)
1.196
1.230
1.264
V
Delay Comparator Threshold
Hysteresis
100
mV
CT Charge Current
124
µA
CT Discharge Current
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com