Electronic Components Datasheet Search
  English  ▼

X  

MAX7389srff Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7389srff
Description  Microcontroller Clock Generator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7389srff Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7389srff Datasheet HTML 1Page - Maxim Integrated Products MAX7389srff Datasheet HTML 2Page - Maxim Integrated Products MAX7389srff Datasheet HTML 3Page - Maxim Integrated Products MAX7389srff Datasheet HTML 4Page - Maxim Integrated Products MAX7389srff Datasheet HTML 5Page - Maxim Integrated Products MAX7389srff Datasheet HTML 6Page - Maxim Integrated Products MAX7389srff Datasheet HTML 7Page - Maxim Integrated Products MAX7389srff Datasheet HTML 8Page - Maxim Integrated Products MAX7389srff Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Microcontroller Clock Generator with
Watchdog
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, VCC = +2.7V to +5.5V, TA = -40°C to +125°C, 1MHz to 16MHz output frequency range, typical values at
VCC = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK Duty Cycle
(Note 2)
45
50
55
%
CLOCK Output Jitter
Observation for 20s using a 500MHz
oscilloscope
310
ps
RMS
Output Rise Time
tR
CLOAD = 10pF, 10% to 90% of full scale (Note 2)
2.5
7.0
ns
Output Fall Time
tF
CLOAD = 10pF, 90% to 10% of full scale (Note 2)
2.8
7.5
ns
INTERNAL POWER-ON RESET
TA = +25°C
VTH
- 1.5%
VTH
+ 1.5%
Reset Voltage
VTH+
VCC rising, Table 2
TA = -40°C to +125°C
VTH
- 2.5%
VTH
+ 2.5%
V
VTH-
VCC falling
0.98 x
VTH+
Reset Timeout Period
tRST
Figures 1, 2
86
135
250
µs
WATCHDOG
WDS1 = GND, WDS2 = GND
11
16
22
WDS1 = open, WDS2 = GND
22
32
44
WDS1 = VCC, WDS2 = GND
44
64
88
WDS1 = GND, WDS2 = open
88
128
177
WDS1 = open, WDS2 = open
177
256
354
WDS1 = VCC, WDS2 = open
354
512
708
WDS1 = GND, WDS2 = VCC
708
1024
1416
Watchdog Timeout Period
(Figure 2)
WDS1 = open, WDS2 = VCC
1416
2048
2832
ms
tWDG
WDS1 = WDS2 = VCC (watchdog disabled)
POWER FAIL
Power-Fail Select Threshold
VSEL
PFI input
0.65 x
VCC
0.85 x
VCC
V
VCC Monitoring Threshold
(Internal Threshold)
VITH
VCC rising
4.06
4.38
4.60
V
Internal Threshold Hysteresis
VIHYST
VCC falling
1.0
2
4.0
%VITH
PFI Monitoring Threshold
(External Threshold)
VETH
PFI rising
0.9
1.1
1.4
V
External Threshold Hysteresis
VEHYST
PFI falling
1.0
3.5
8.0
%VETH
Note 1: All parameters are tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com