Electronic Components Datasheet Search
  English  ▼

X  

MAX704 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX704
Description  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX704 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX704 Datasheet HTML 1Page - Maxim Integrated Products MAX704 Datasheet HTML 2Page - Maxim Integrated Products MAX704 Datasheet HTML 3Page - Maxim Integrated Products MAX704 Datasheet HTML 4Page - Maxim Integrated Products MAX704 Datasheet HTML 5Page - Maxim Integrated Products MAX704 Datasheet HTML 6Page - Maxim Integrated Products MAX704 Datasheet HTML 7Page - Maxim Integrated Products MAX704 Datasheet HTML 8Page - Maxim Integrated Products MAX704 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.0V/3.3V Microprocessor Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to
5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC.........................................................................-0.3V to 6.0V
VBATT ....................................................................-0.3V to 6.0V
All Other Inputs ...................-0.3V to the higher of VCC or VBATT
Continuous Input Current
VCC..................................................................................100mA
VBATT ...............................................................................18mA
GND ..................................................................................18mA
Output Current
–
R
—
E
—
S
—
E
—
T
–
,
–
P
—
F
—
O
–
....................................................................18mA
VOUT ................................................................................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
SO (derate 5.88mW/°C above +70°C) ...........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ...................640mW
Operating Temperature Ranges
MAX690_C_ _/MAX704_C_ _/MAX80_ _C_ _ ........0°C to +70°C
MAX690_E_ _/MAX704_E_ _/MAX80_ _E_ _. .....-40°C to +85°C
MAX690_M_ _/MAX704_M_ _/MAX80_ _M_ _...-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX690_M, MAX704_M,
MAX80_ _M, VCC < 5.5V
VCC = 2.0V, VBATT = 2.3V
VCC -VCC -
0.0015
0.0006
VOUT Output Voltage
V
VCC -VCC -
0.35
0.15
VCC -VCC -
0.035
0.015
VCC -VCC -
0.3
0.15
VCC -VCC -
0.03
0.015
40
50
V
1.1
5.5
1.0
5.5
Operating Voltage Range,
VCC, VBATT (Note 1)
µA
0.01
5
Battery Leakage Current
(Note 3)
0.01
0.5
µA
0.4
10
VBATT Supply Current, Any Mode
(excluding IOUT) (Note 2)
0.4
1
50
65
40
55
µA
50
70
ISUPPLY
VCC Supply Current
(excluding IOUT)
µA
25
50
VCC Supply Current in Battery-
Backup Mode (excluding IOUT)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX690_C/E, MAX704_C/E, MAX80_ _C/E,
IOUT = 5mA (Note 4)
MAX690_E/M, MAX704_E/M, MAX80_ _E/M
MAX690_M, MAX704_M, MAX80_ _M
MAX690_M, MAX704_M, MAX80_ _M
–
M
—
R
–
= VCC
(MAX704_/
MAX806_)
–
M
—
R
–
= VCC
(MAX704_/
MAX806_)
CONDITIONS
MAX690_C, MAX704_C, MAX80_ _C
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
IOUT = 250µA, VCC > 2.5V (Note 4)
MAX690_M, MAX704_M, MAX80_ _M
IOUT = 50mA
MAX690_M, MAX704_M, MAX80_ _M
IOUT = 5mA (Note 4)
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
IOUT = 50mA
MAX690_C/E, MAX704_C/E,
MAX80_ _C/E, VCC < 3.6V
MAX690_C/E, MAX704_C/E,
MAX80_ _C/E, VCC < 5.5V
MAX690_M, MAX704_M,
MAX80_ _M, VCC < 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com