Electronic Components Datasheet Search
  English  ▼

X  

MAX6372 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6372
Description  Pin-Selectable Watchdog Timers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6372 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6372 Datasheet HTML 2Page - Maxim Integrated Products MAX6372 Datasheet HTML 3Page - Maxim Integrated Products MAX6372 Datasheet HTML 4Page - Maxim Integrated Products MAX6372 Datasheet HTML 5Page - Maxim Integrated Products MAX6372 Datasheet HTML 6Page - Maxim Integrated Products MAX6372 Datasheet HTML 7Page - Maxim Integrated Products MAX6372 Datasheet HTML 8Page - Maxim Integrated Products MAX6372 Datasheet HTML 9Page - Maxim Integrated Products MAX6372 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Pin-Selectable Watchdog Timers
6
_______________________________________________________________________________________
• Watchdog Timeout Period:
Normal operating watchdog timeout period after the
initial startup delay.
A watchdog output pulse is asserted if a valid watch-
dog input transition is not received before the timeout
period elapses.
Eight pin-selectable timeout period options for each
device, from 30µs to 60s.
Pin-selectable watchdog timer disable feature.
• Watchdog Output/Timing Options:
Open drain, active low with 100ms minimum watch-
dog output pulse (MAX6369/MAX6371/MAX6373).
Push-pull, active low with 1ms minimum watchdog
output pulse (MAX6370/MAX6372/MAX6374).
Each device has a watchdog startup delay that is initi-
ated when the supervisor is first powered or after the
user modifies any of the logic control set inputs. The
watchdog timer does not begin to count down until the
VCC
WDI
WDO
tSETUP
tDELAY
tWD
tWD
tWD
tWDO
A
B
C
D
E
F
G
TRANSITIONS ON WDI IGNORED DURING SETUP DELAY.
TRANSITION(S) ON WDI IGNORED DURING STARTUP DELAY PERIOD.
WATCHDOG TIMER STARTS AFTER STARTUP DELAY AND WDO IS DEASSERTED.
TRANSITION OCCURS BEFORE WATCHDOG TIMEOUT PERIOD. WATCHDOG
TIMER CLEARS AND STARTS TIMER AGAIN.
WATCHDOG TIMES OUT, WDO ASSERTS.
TRANSITIONS ON WDI IGNORED WHEN WDO ASSERTED.
WATCHDOG TIMER STARTS AFTER WDO DEASSERTS.
A
AB
C
D
EF
G
E
Figure 2. Watchdog Timing
WATCHDOG
TIMER CIRCUITRY
TRANSITION
DETECTOR
ENABLE
SET WATCHDOG TIMEOUT
SET STARTUP DELAY
MAX6369–MAX6374
EN
CONTROL
LOGIC
SET 2
SET 1
SET 0
VCC
GND
CLEAR
WDO
OUT
WDI
OUTPUT
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com