Electronic Components Datasheet Search
  English  ▼

X  

MAX6846KA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6846KA
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6846KA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6846KA Datasheet HTML 1Page - Maxim Integrated Products MAX6846KA Datasheet HTML 2Page - Maxim Integrated Products MAX6846KA Datasheet HTML 3Page - Maxim Integrated Products MAX6846KA Datasheet HTML 4Page - Maxim Integrated Products MAX6846KA Datasheet HTML 5Page - Maxim Integrated Products MAX6846KA Datasheet HTML 6Page - Maxim Integrated Products MAX6846KA Datasheet HTML 7Page - Maxim Integrated Products MAX6846KA Datasheet HTML 8Page - Maxim Integrated Products MAX6846KA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
5
NORMALIZED UPPER AND LOWER LBO TRIP
VOLTAGES vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.975
1.000
1.025
1.050
0.950
-40
80
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.975
1.000
1.025
1.050
0.950
-40
80
LBO OUTPUT
vs. SINK CURRENT
ISINK (mA)
8
6
4
2
20
40
60
80
100
120
0
010
VCC = VDD = 3.3V
RESET OUTPUT
vs. SINK CURRENT
ISINK (mA)
8
6
4
2
20
40
60
80
100
120
140
0
010
VCC = 2.1V, VDD = 3.6V
RESET OUTPUT
vs. SOURCE CURRENT
ISOURCE (mA)
3.0
2.5
2.0
1.5
1.0
0.5
2.75
3.00
3.25
3.50
2.50
0
3.5
VCC = 3.3V, VDD = 3.6V
Typical Operating Characteristics (continued)
(VDD = 3.6V, VCC = 3.3V, unless otherwise specified. Typical values are at TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com