Electronic Components Datasheet Search
  English  ▼

X  

MAX691AC/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX691AC/D
Description  Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691AC/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX691AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 15Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 16Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Using Separate Power Supplies
for VBATT and VCC
If using separate power supplies for VCC and VBATT,
VBATT must be less than 0.3V above VCC when VCC is
above the reset threshold. As described in the previ-
ous section, if VBATT exceeds this limit and power is
lost at VCC, current flows continuously from VBATT to
VCC via the VBATT-to-VOUT diode and the VOUT-to-VCC
switch until the circuit is broken (Figure 8).
Alternate Chip-Enable Gating
Using memory devices with both CE and CE inputs
allows the CE loop to be bypassed. To do this, con-
nect CE IN to ground, pull up CE OUT to VOUT, and
connect
–CE OUT to the CE input of each memory
device (Figure 10). The CE input of each part then
connects directly to the chip-select logic, which does
not have to be gated.
Adding Hysteresis to the
Power-Fail Comparator
Hysteresis adds a noise margin to the power-fail com-
parator and prevents repeated triggering of PFO when
VIN is near the power-fail comparator trip point. Figure
11 shows how to add hysteresis to the power-fail com-
Microprocessor Supervisory Circuits
______________________________________________________________________________________
13
MAX691A
MAX693A
MAX800L
MAX800M
VOUT
GND
CE IN
CE
CE
CE OUT
CE
CE
CE
CE
CE
CE
*MAXIMUM Rp VALUE DEPENDS ON
THE NUMBER OF RAMS.
MINIMUM Rp VALUE IS 1k
Ω.
ACTIVE-HIGH
CE LINES
FROM LOGIC
RAM 1
RAM 2
RAM 3
RAM 4
Rp*
MAX691A
MAX693A
MAX800L
MAX800M
VCC
GND
PFI
*OPTIONAL
R2
R3
R1
VIN
+5V
C1*
TO
μP
PFO
VTRIP = 1.25
R1 + R2
R2
VH = 1.25/
R2 I I R3
VL - 1.25 + 5 - 1.25 = 1.25
R1 + R2 I I R3
R1
R3
R2
PFO
5V
0V
0V
VH
VTRIP
VIN
VL
MAX691A
MAX693A
MAX800L
MAX800M
VCC
GND
PFI
R2
R1
+5V
PFO
PFO
5V
0V
NOTE: VTRIP IS NEGATIVE.
0V
VTRIP
V-
5 - 1.25
=
1.25 - VTRIP
R1
R2
V-
Figure 10. Alternate CE Gating
Figure 12. Monitoring a Negative Voltage
Figure 11. Adding Hysteresis to the Power-Fail Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com