Electronic Components Datasheet Search
  English  ▼

X  

MAX700EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX700EPA
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX700EPA Datasheet HTML 1Page - Maxim Integrated Products MAX700EPA Datasheet HTML 2Page - Maxim Integrated Products MAX700EPA Datasheet HTML 3Page - Maxim Integrated Products MAX700EPA Datasheet HTML 4Page - Maxim Integrated Products MAX700EPA Datasheet HTML 5Page - Maxim Integrated Products MAX700EPA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power-Supply Monitor with Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ......................................................................-0.3V to +15.5V
Voltage (with respect to GND) at RESET, RESET,
HYST, CTL, SENSE ............................................-0.3V to VCC
Operating Temperature Range
C Suffix .............................................................0°C to +70°C
E Suffix...........................................................-40°C to +85°C
Rate of Rise, VCC ............................................................100V/µs
Power Dissipation, Any Package .....................................380mW
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s)..................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V, CTL = GND on MAX700, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Monitor Voltage Range
(MAX700 Only)
TA = TMIN to TMAX, CTL = VCC
315
V
Min VCC for Valid Reset Output,
Declining Supply
TA = TMIN to TMAX, RESET ≤ 0.4V when sinking 1mA
1.5
1
V
Supply Current
100
200
µA
Power-up
4.50
4.65
4.75
Reset Threshold
TA = TMIN to TMAX
Power-down
4.50
4.62
4.75
V
Internal Hysteresis
HYST not connected
30
mV
Reset Output Pulse Width
200
350
500
ms
RESET Fall Time
MAX700/MAX701 only, CLOAD = 100pF
200
ns
No reset
10
1
VCC Pulse Duration Guaranteeing
5V to 4V VCC pulse
Reset
100
10
µs
MR Input Threshold
0.7
V
MR Pullup Current
-5
-30
µA
MAX700
ISINK = 3.2mA, VCC = 5V
0.4
RESET Output Low
ISINK = 1.6mA, VCC = 3V
0.4
V
ISOURCE = 3.2mA, VCC = 4.25V
VCC -
0.4
ISOURCE = 1.6mA, VCC = 3V
VCC -
0.4
RESET Output High
ISOURCE = 0.5mA, VCC = 1.5V
VCC -
0.4
V
ISINK = 16mA, VCC = 4.25V
0.4
ISINK = 1.6mA, VCC = 3V
0.4
RESET Output Low
ISINK = 0.4mA, VCC = 1.5V
0.4
V
ISOURCE = 3.2mA, VCC = 5V
VCC -
0.4
RESET Output High
ISOURCE = 1.6mA, VCC = 3V
VCC -
0.4
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com