Electronic Components Datasheet Search
  English  ▼

X  

PVT322A Datasheet(PDF) 1 Page - International Rectifier

Part # PVT322A
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322A Datasheet(HTML) 1 Page - International Rectifier

  PVT322A_08 Datasheet HTML 1Page - International Rectifier PVT322A_08 Datasheet HTML 2Page - International Rectifier PVT322A_08 Datasheet HTML 3Page - International Rectifier PVT322A_08 Datasheet HTML 4Page - International Rectifier PVT322A_08 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD10044 revK
Series PVT322APbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Dual Pole, Normally Open
0-250V, 170mA AC/DC
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
General Description
The PVT322A Series Photovoltaic Relay is a dual-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s HEXFET power MOSFET
as the output switch, driven by an integrated circuit
photovoltaic generator of novel construction. The
output switch is controlled by radiation from a GaAlAs
light emitting diode (LED) which is optically isolated
from the photovoltaic generator.
Series PVT322A Relays are packaged in an 8-pin,
molded DIP package with either thru-hole or surface
mount (gull-wing) terminals. It is available in standard
plastic shipping tubes or on tape-and-reel. Please refer
to Part Identification information opposite.
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 V
RMS I/O isolation
Linear AC/DC operation
Solid-State Reliability
UL Recognized
Applications
On/Off Hook switch
Tip and Ring Line switching
General switching
Part Identification
PVT322APbF
thru-hole
PVT322ASPbF
SMT
PVT322AS-TPbF
SMT, T&R


Similar Part No. - PVT322A_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT322APBF IRF-PVT322APBF Datasheet
1Mb / 5P
HEXFET Power MOSFET output
PVT322APBF IRF-PVT322APBF Datasheet
437Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT322AS IRF-PVT322AS Datasheet
1Mb / 5P
HEXFET Power MOSFET output
PVT322AS-TPBF IRF-PVT322AS-TPBF Datasheet
1Mb / 5P
HEXFET Power MOSFET output
More results

Similar Description - PVT322A_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
65336 IRF-65336 Datasheet
254Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com