Electronic Components Datasheet Search
  English  ▼

X  

IRHM7450 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7450
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7450 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7450 Datasheet HTML 1Page - International Rectifier IRHM7450 Datasheet HTML 2Page - International Rectifier IRHM7450 Datasheet HTML 3Page - International Rectifier IRHM7450 Datasheet HTML 4Page - International Rectifier IRHM7450 Datasheet HTML 5Page - International Rectifier IRHM7450 Datasheet HTML 6Page - International Rectifier IRHM7450 Datasheet HTML 7Page - International Rectifier IRHM7450 Datasheet HTML 8Page - International Rectifier IRHM7450 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
International Rectifier’s RAD-HardTM HEXFET®
technology provides high performance power
MOSFETs for space applications. This technology
has over a decade of proven performance and
reliability in satellite applications. These devices have
been characterized for both Total Dose and Single
Event Effects (SEE). The combination of low Rdson
and low gate charge reduces the power losses in
switching applications such as DC to DC converters
and motor control. These devices retain all of the well
established advantages of MOSFETs such as voltage
control, fast switching, ease of paralleling and
temperature stability of electrical parameters.
RADIATION HARDENED
POWER MOSFET
THRU-HOLE (TO-254AA)
05/18/06
www.irf.com
1
IRHM7450
JANSR2N7270
500V, N-CHANNEL
REF: MIL-PRF-19500/603
RAD-Hard
™ HEXFET
®
TECHNOLOGY
Product Summary
Part Number
Radiation Level
RDS(on)
ID
QPL Part Number
IRHM7450
100K Rads (Si)
0.45
Ω
11A
JANSR2N7270
IRHM3450
300K Rads (Si)
0.45
Ω
11A
JANSF2N7270
IRHM4450
500K Rads (Si)
0.45
Ω
11A
JANSG2N7270
IRHM8450
1000K Rads (Si)
0.45
Ω
11A
JANSH2N7270
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Eyelets
n Light Weight
For footnotes refer to the last page
TO-254AA
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
11
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
7.0
IDM
Pulsed Drain Current
À
44
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
500
mJ
IAR
Avalanche Current
À
11
A
EAR
Repetitive Avalanche Energy
À
15
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
3.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
9.3 (Typical)
g
Pre-Irradiation
oC
A
PD - 90673B


Similar Part No. - IRHM7450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7450 IRF-IRHM7450 Datasheet
311Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7450 IRF-IRHM7450 Datasheet
303Kb / 12P
Simple Drive Requirements
IRHM7450SE IRF-IRHM7450SE Datasheet
122Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHM7450SE IRF-IRHM7450SE Datasheet
142Kb / 8P
Simple Drive Requirements
IRHM7450SE IRF-IRHM7450SE_15 Datasheet
142Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHM7450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7Z60 IRF-IRHM7Z60 Datasheet
131Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com