Electronic Components Datasheet Search
  English  ▼

X  

MAX6375 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6375
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6375 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6375 Datasheet HTML 1Page - Maxim Integrated Products MAX6375 Datasheet HTML 2Page - Maxim Integrated Products MAX6375 Datasheet HTML 3Page - Maxim Integrated Products MAX6375 Datasheet HTML 4Page - Maxim Integrated Products MAX6375 Datasheet HTML 5Page - Maxim Integrated Products MAX6375 Datasheet HTML 6Page - Maxim Integrated Products MAX6375 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
6
_______________________________________________________________________________________
___________________Chip Information
TRANSISTOR COUNT: 419
Table 2. Device Marking Codes and Minimum Order Increments (continued)
Selector Guide
(Standard Versions**)
**Sample stock is generally held on all standard versions.
Contact factory for availability of nonstandard versions.
PART
TOP MARK
(SC70)
TOP MARK
(SOT23)
ORDER
INCREMENT (k)
MAX6378_R39-T
—
—
10
MAX6378_R40-T
—
—
10
MAX6378_R41-T
—
—
10
MAX6378_R42-T
—
—
10
MAX6378_R43-T
—
—
10
MAX6378_R44-T
ADS
FZHU
2.5
MAX6378_R45-T
—
—
10
MAX6378_R46-T
ADD
FZHV
2.5
MAX6379_R33-T
—
—
10
MAX6379_R34-T
—
—
10
MAX6379_R35-T
—
—
10
MAX6379_R36-T
—
—
10
MAX6379_R37-T
—
—
10
MAX6379_R38-T
—
—
10
MAX6379_R39-T
—
—
10
MAX6379_R40-T
—
—
10
MAX6379_R41-T
—
—
10
MAX6379_R42-T
—
—
10
PART
TOP MARK
(SC70)
TOP MARK
(SOT23)
ORDER
INCREMENT (k)
MAX6379_R43-T
—
—
10
MAX6379_R44-T
ADE
FZHW
2.5
MAX6379_R45-T
—
—
10
MAX6379_R46-T
ADT
FZHX
2.5
MAX6380_R33-T
—
—
10
MAX6380_R34-T
—
—
10
MAX6380_R35-T
—
—
10
MAX6380_R36-T
—
—
10
MAX6380_R37-T
—
—
10
MAX6380_R38-T
—
—
10
MAX6380_R39-T
—
—
10
MAX6380_R40-T
—
—
10
MAX6380_R41-T
—
—
10
MAX6380_R42-T
—
—
10
MAX6380_R43-T
—
—
10
MAX6380_R44-T
ADU
FZHY
2.5
MAX6380_R45-T
—
—
10
MAX6380_R46-T
ADF
FZHZ
2.5
PART
NOMINAL VTH (V)
MAX63 _ _ _ R46-T
4.63
MAX63 _ _ _ R44-T
4.38
MAX63 _ _ _ R31-T
3.08
MAX63 _ _ _ R29-T
2.93
MAX63 _ _ _ R26-T
2.63
MAX63 _ _ _ R23-T
2.32
MAX63 _ _ _ R22-T
2.20
Ordering Information (continued)
PART*
TEMP RANGE
PIN-PACKAGE
MAX6377UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6377XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6378UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6378XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6379UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6379XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6380UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6380XR _ _ -T
-40°C to +85°C
3 SC70-3
*The MAX6375/MAX6376/MAX6377 are available in factory-preset
thresholds from 2.20V to 3.08V, in approximately 0.1V increments.
The MAX6378/MAX6379/MAX6380 are available in factory-preset
thresholds from 3.30V to 4.63V, in approximately 0.1V increments.
Choose the desired threshold suffix from Table 1 and insert it in
the blank spaces following R. There are 21 standard versions,
with a required order increment of 2500 pieces. Sample stock is
generally held on the standard versions only (see the Selector
Guide). The required order increment is 10,000 pieces for non-
standard versions (Table 2). Contact factory for availability. All
devices available in tape-and-reel only.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com