Electronic Components Datasheet Search
  English  ▼

X  

AXE522124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXE522124
Description  The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE522124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXE522124 Datasheet HTML 1Page - Panasonic Semiconductor AXE522124 Datasheet HTML 2Page - Panasonic Semiconductor AXE522124 Datasheet HTML 3Page - Panasonic Semiconductor AXE522124 Datasheet HTML 4Page - Panasonic Semiconductor AXE522124 Datasheet HTML 5Page - Panasonic Semiconductor AXE522124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AXE5, 6
PRODUCT TYPES
Notes: 1. Order unit:
For mass production: in 1-inner carton (1-reel) units
Samples for mounting check: in 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
3. Please contact us for connectors having a number of contacts other than those listed above.
Mated height
Number of contacts
Part number
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
0.8mm
10
AXE510124
AXE610124
5,000 pieces
10,000 pieces
12
AXE512124
AXE612124
14
AXE514124
AXE614124
16
AXE516124
AXE616124
18
AXE518124
AXE618124
20
AXE520124
AXE620124
22
AXE522124
AXE622124
24
AXE524124
AXE624124
26
AXE526124
AXE626124
28
AXE528124
AXE628124
30
AXE530124
AXE630124
32
AXE532124
AXE632124
34
AXE534124
AXE634124
36
AXE536124
AXE636124
38
AXE538124
AXE638124
40
AXE540124
AXE640124
44
AXE544124
AXE644124
50
AXE550124
AXE650124
54
AXE554124
AXE654124
60
AXE560124
AXE660124
64
AXE564124
AXE664124
70
AXE570124
AXE670124
80
AXE580124
AXE680124
1.0mm
10
AXE510124
AXE610224
14
AXE514124
AXE614224
20
AXE520124
AXE620224
24
AXE524124
AXE624224
30
AXE530124
AXE630224
40
AXE540124
AXE640224
50
AXE550124
AXE650224
54
AXE554124
AXE654224
60
AXE560124
AXE660224
70
AXE570124
AXE670224
80
AXE580124
AXE680224
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com