Electronic Components Datasheet Search
  English  ▼

X  

2779B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2779B
Description  HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2779B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2779B Datasheet HTML 1Page - Bel Fuse Inc. 2779B Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00136
T1-81
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
2779B
•
Operates at the T1 rate of 1.544 Mbits/s and at the
E1 rate of 2.048 Mbits/s
•
Designed for transmit and receive line interface
applications
•
Can replace 2771C with no PWB changes
•
Low-capacitance design for EMI suppression
•
1500-Volt isolation
HIGH FREQUECY MAGNETICS
T1/E1 Surface Mount Transformer
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
4
2
CT
3
1
1 CT : 2 CT
8
6
CT
5
7
r
e
b
m
u
N
t
r
a
P
s
n
r
u
T
l
a
n
i
m
o
N
o
i
t
a
R
%
2
±
e
c
n
a
t
c
u
d
n
I
2
n
i
m
H
m
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
3
x
a
m
H
µ
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
1
p
y
t
F
p
m
u
m
i
n
i
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
1
s
m
r
V
)
8
-
5
(
:
)
1
-
4
(
1
)
1
-
4
(
1
)
1
-
4
(
1
)
8
-
5
(
1
)
1
-
4
(
1
B
9
7
7
2T
C
2
:
T
C
10
.
36
.
11
.
30
.
30
20
0
5
1
7
o
t
6
&
3
o
t
2
t
c
e
n
n
o
c
.
1
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
3


Similar Part No. - 2779B

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2779 KR-2779 Datasheet
49Kb / 2P
Bandpass Filter
logo
Heyco.
2779 HEYCO-2779 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
2779 HEYCO-2779 Datasheet
128Kb / 1P
Nylon Knock Out Seals and Thick Panel Knock Out Seals
logo
Adafruit Industries
2779 ADAFRUIT-2779 Datasheet
154Kb / 2P
PiTFT Pibow Kit for Pi 2 / B / Pi 3
logo
Kemet Corporation
2779 KEMET-2779 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
More results

Similar Description - 2779B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2771B BEL-2771B Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
2771F BEL-2771F Datasheet
41Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual-Output Surface Mount Transformer
2771G BEL-2771G Datasheet
44Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformer
2771H BEL-2771H Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Ratio Surface Mount Transformer
2779G BEL-2779G Datasheet
58Kb / 2P
HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformers
2779H BEL-2779H Datasheet
56Kb / 2P
HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
S553-6500-96 BEL-S553-6500-96 Datasheet
54Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-A6 BEL-S553-6500-A6 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
S553-6500-B1 BEL-S553-6500-B1 Datasheet
67Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com