Electronic Components Datasheet Search
  English  ▼

X  

2771D Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2771D
Description  HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2771D Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2771D Datasheet HTML 1Page - Bel Fuse Inc. 2771D Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00140
T1-89
HIGH FREQUENCY MAGNETICS
T1/E1 Surface Mount Shielded Tranformers
SCHEMATICS
ELECTRICAL SPECIFICATIONS at 25° C
2771D
2771E
•
Operate at the T1 rate of 1.544 Mb/s and the E1 rate of
2.048 Mb/s
•
Interwinding Electrostatic Shield provides low capaci-
tance and high EMI suppression
•
Minimum Interwinding Breakdown Voltage of 1500 Vrms
4
1
5
7
6
8
CT
2
S
Primary
Secondary
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
*
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
1
x
a
m
F
p
d
e
d
l
e
i
h
S
-
n
o
N
n
o
i
s
r
e
V
c
e
S
:
i
r
P
i
r
P
c
e
S
D
1
7
7
2T
C
4
1
.
1
:
13
.
15
.
13
5
.
02
6
.
05
B
5
9
7
2
E
1
7
7
2T
C
2
:
15
1
.
32
.
30
.
14
.
35
H
5
9
7
2
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
M
*
d
n
u
o
r
g
d
e
d
l
e
i
h
s
h
t
i
W
.
1


Similar Part No. - 2771D

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2771 KR-2771 Datasheet
48Kb / 2P
Bandpass Filter
logo
Heyco.
2771 HEYCO-2771 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
logo
PHOENIX CONTACT
2771007 PHOENIX-2771007 Datasheet
143Kb / 6P
UKKB 10/2,5
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
UKKB 3
More results

Similar Description - 2771D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2771B BEL-2771B Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
2771G BEL-2771G Datasheet
44Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformer
2771H BEL-2771H Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Ratio Surface Mount Transformer
2795K BEL-2795K Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795R BEL-2795R Datasheet
57Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
S553-6500-96 BEL-S553-6500-96 Datasheet
54Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-B1 BEL-S553-6500-B1 Datasheet
67Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
2771K BEL-2771K Datasheet
47Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com