Electronic Components Datasheet Search
  English  ▼

X  

7E50 Datasheet(PDF) 3 Page - 3M Electronics

Part # 7E50
Description  CF Card Ejector and Latching Retainer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7E50 Datasheet(HTML) 3 Page - 3M Electronics

  7E50 Datasheet HTML 1Page - 3M Electronics 7E50 Datasheet HTML 2Page - 3M Electronics 7E50 Datasheet HTML 3Page - 3M Electronics 7E50 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ CF Card Ejector and Latching Retainer
for CompactFlash™ Header, Type II, Long Guides
7E50 Series
TS-2154-D
Sheet 3 of 3
Ordering Information
Right Hand Eject
= 7E50-B316-04 (RIA E1 & C1 apply)
Left Hand Eject
= 7E50-B416-04 (RIA E1 & C1 apply)
Dual Push Right Eject
= 7E50-B516-05 (RIA E1 & C1 apply)
Dual Push Left Eject
= 7E50-B616-05 (RIA E1 & C1 apply)
Latching Ejector Right
= 7E50-B716-05 (RIA E1 & C1 apply)
Latching Retainer
= 7E50-C016-00-HT (RIA E1 & C1 apply)
Packaging option:
HT = Hard Tray
mm
Tolerance Unless Noted
.0
.00
.000
mm
±.25
±.15
±.05
Notes:
1. Only used with normal polarization
LATCHING RETAINER
47.60
(7.00)
5.00 TYP
Ordering Information
Right Hand Eject
= 7E50-B316-04 (RIA E1 & C1 apply)
Left Hand Eject
= 7E50-B416-04 (RIA E1 & C1 apply)
Dual Push Right Eject = 7E50-B516-05 (RIA E1 & C1 apply)
Dual Push Left Eject = 7E50-B616-05 (RIA E1 & C1 apply)
Latching Ejector Right = 7E50-B716-05 (RIA E1 & C1 apply)
Latching Retainer
= 7E50-C016-00-
HT (RIA E1 & C1 apply)
Packaging option:
HT=Hard Tray
NOTES:
1. ONLY USED WITH NORMAL POLARIZATION
At least 2mm gap
NO RESTRICTION FOR STAND-OFF
CONNECTOR POSITION ON PCB
NO STAND-OFF CONNECTOR
POSITIONED ON PCB EDGE
APPLICATION OF LATCHING RETAINER WITH RESPECT TO CONNECTOR HEIGHTS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com