Electronic Components Datasheet Search
  English  ▼

X  

7G24 Datasheet(PDF) 3 Page - 3M Electronics

Part # 7G24
Description  3M™ Connector for CFast™ Card
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7G24 Datasheet(HTML) 3 Page - 3M Electronics

  7G24 Datasheet HTML 1Page - 3M Electronics 7G24 Datasheet HTML 2Page - 3M Electronics 7G24 Datasheet HTML 3Page - 3M Electronics 7G24 Datasheet HTML 4Page - 3M Electronics 7G24 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Connector for CFast™ Card
7G24 Series
TS-2329-A
Sheet 3 of 4
40.16
[1.581]
( )
49.80
[1.961] MIN
41.05
[1.616] MIN
18.15
[.715] MIN (2X)
51.60
[2.032] MIN
18.32
[.721] MAX (2X)
24.80
[.976] TYP
COMPONENT REFLOW KEEP OUT ZONE
(FOR NO STANDOFF HEIGHT CONNECTOR)
C OF
L
D
C OF
L
D
40.16
[1.581]
( )
49.80
[1.961] MIN
6.50
[.256] MIN (2X)
6.92
[.272] MIN (2X)
11.50
[.453] MIN (2X)
14.75
[.581] MIN (2X)
32.80
[1.291] MAX
39.23
[1.545] MAX
51.60
[2.032] MIN
18.32
[.721] MAX (2X)
24.80
[.976]
( )TYP
COMPONENT REFLOW KEEP OUT ZONE
(FOR 2MM STANDOFF CONNECTOR)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com