Electronic Components Datasheet Search
  English  ▼

X  

AB-5000 Datasheet(PDF) 1 Page - 3M Electronics

Part # AB-5000
Description  EMI Absorber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AB-5000 Datasheet(HTML) 1 Page - 3M Electronics

  AB-5000 Datasheet HTML 1Page - 3M Electronics AB-5000 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AB-5000
EMI Absorber
Data Sheet
Product Description
3
Μ™ AB-5000 Series EMI Absorber consists of
flexible soft metal flakes filler in polymer resin
with acrylic pressure-sensitive adhesive.
• Polymer resin and metal flakes filler
• Acrylic pressure-sensitive adhesive
• Supplied on a removable liner for easy
handling and die-cutting
The AB-5000 Series EMI Absorber is available in
standard A4 size and 210mm (width) X 15 meters
(length) in roll.
Applications
The AB-5000 Series EMI Absorber is typically
used for applications requiring electromagnetic-
absorbing performance. It suppresses radiated
noise from electrical devices for broadband radio
frequency range.
Common uses include mobile
phone
(SAR
reduction), computer, digital still camera, RF
block, military equipments for radar avoidance
and stealth performance.
Attenuation and Power Loss
Many factors determine the true attenuation of an
electromagnetic
absorbing material, including
shape and thickness, intimacy of substrate contact,
smoothness of application surface, strength and
frequency of the EMI signal, etc. However, using
standard tests and fixtures, it is possible to
determine a value for the signal attenuation.
The typical attenuation range of the 3M AB-5000
Series EMI Absorber depends on thickness.
3M AB-5000 EMI Absorber
– Typical Properties
Properties
Typical Value
Type of Backing
Polymer resin with metal flake filler
Type of Adhesive
Acrylic non-conductive pressure-sensitive adhesive (PSA)
Product Number
AB-5010
AB-5020
AB-5030
AB-5050
AB-5100
Thickness
1
0.10mm
0.20mm
0.30mm
0.50mm
1.00mm
Standard packaging
210mm x 297mm
Temperature range
-25 ~ 85℃
Surface resistivity
2
1x10
6Ω(min)
Thermal conductivity
0.7 W/mK
Tensile strength
3
6.0MPa(min)
Attenuation (S11 Reflection
Loss) and Power Loss
4
Refer to attenuation and power loss graphs
1.
This value does not contain a double-side adhesive tape thickness. Typical adhesive tape thickness is 50 ㎛ (AB-5010 contains 30 ㎛ adhesive)
2.
Test method
: ASTM D257
3.
Test method
: JIS K 6251
4.
Attenuation measured by 7mm coaxial verification kit under short fixed condition. Power loss measured by 50Ωmicrostrip line.


Similar Part No. - AB-5000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AB-5000HF 3M-AB-5000HF Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
AB-5000RFSeries 3M-AB-5000RFSeries Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
AB-5000RSeries 3M-AB-5000RSeries Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
AB-5000S 3M-AB-5000S Datasheet
136Kb / 2P
EMI Absorber
AB-5000S 3M-AB-5000S Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
More results

Similar Description - AB-5000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
32403 WURTH-32403 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
EMI Absorber with Shielding
Oct-2008
AB7000 3M-AB7000 Datasheet
67Kb / 2P
EMI Absorber
Feb-2009
1318125 3M-1318125 Datasheet
136Kb / 2P
EMI Absorber
AB5050 3M-AB5050 Datasheet
200Kb / 2P
EMI Absorber
AB5000SHF-SERIES 3M-AB5000SHF-SERIES Datasheet
394Kb / 4P
3M™ EMI Absorber AB5000SHF Series
Aug-2014
AB-5000S 3M-AB-5000S Datasheet
130Kb / 2P
EMI Absorber
2007
logo
Laird Tech Smart Techno...
NS1000HTRC LSTD-NS1000HTRC Datasheet
271Kb / 3P
EMI Noise Suppression Absorber
20221007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com