Electronic Components Datasheet Search
  English  ▼

X  

AB6000G Datasheet(PDF) 1 Page - 3M Electronics

Part # AB6000G
Description  EMI Absorber with Shielding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AB6000G Datasheet(HTML) 1 Page - 3M Electronics

  AB6000G Datasheet HTML 1Page - 3M Electronics AB6000G Datasheet HTML 2Page - 3M Electronics AB6000G Datasheet HTML 3Page - 3M Electronics AB6000G Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
3M
™ EMI Absorber with Shielding
AB6000 Series, AB6000S Series, and
AB6000G Series
Description
3M™ EMI Absorber with Shielding AB6000 Series, AB6000S Series and AB6000G
Series consists of an insulation layer, shielding layer, absorbing layer and non-
conductive pressure-sensitive adhesive.
Specifications
• Insulation Layer
• EMI Shielding Layer
• EMI Absorption Layer
• Pressure-sensitive Adhesive (PSA) Layer
• Supplied on a removable release liner for easy handling and die-cutting
Applications
The absorber is typically used for applications requiring both electromagnetic shielding
performance and absorption function. It is useful for electrical devises for broadband
radio frequency range (mobile phone, PDA, PC, BS/CS tuner, LAN, medical and military
devices).
Common applications include attenuation of conduction and radiation noise suppression
and filtering (FPCB and chips on circuit, high speed microprocessor) and resonant peak of
enclosed cavities (EMI/ESD/SAR), and electric/ electronic/ RF components (IC/LSL, PCB,
FPC, cable, oscillators, RF modules), mechanical bodies (metal can, fame, body,
enclosure).
Shielding
Many factors determine the true attenuation of electromagnetic shielding and
Effectiveness
absorbing material, including type and thickness of polymer, adhesive type, intimacy
of substrate contact, smoothness of application surface, strength and frequency of the
EMI signal, etc. However, using standard tests and fixtures, it is possible to determine
a value for the attenuation.
3
Data Sheet
October 2008


Similar Part No. - AB6000G

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
AB60S0500A DELTA-AB60S0500A Datasheet
393Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
AB60S1200A DELTA-AB60S1200A Datasheet
393Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
AB60S1500A DELTA-AB60S1500A Datasheet
393Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
AB60S2400A DELTA-AB60S2400A Datasheet
393Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
More results

Similar Description - AB6000G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86114-9500 MOLEX-86114-9500 Datasheet
388Kb / 2P
Swivel EMI Shielding Adapters
logo
3M Electronics
AB-5000 3M-AB-5000 Datasheet
200Kb / 2P
EMI Absorber
AB7000 3M-AB7000 Datasheet
67Kb / 2P
EMI Absorber
Feb-2009
1318125 3M-1318125 Datasheet
136Kb / 2P
EMI Absorber
AB5050 3M-AB5050 Datasheet
200Kb / 2P
EMI Absorber
AB5000SHF-SERIES 3M-AB5000SHF-SERIES Datasheet
394Kb / 4P
3M™ EMI Absorber AB5000SHF Series
Aug-2014
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
Integrated EMI shielding
logo
3M Electronics
AB-5000S 3M-AB-5000S Datasheet
130Kb / 2P
EMI Absorber
2007
logo
Laird Tech Smart Techno...
NS1000HTRC LSTD-NS1000HTRC Datasheet
271Kb / 3P
EMI Noise Suppression Absorber
20221007
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com