Electronic Components Datasheet Search
  English  ▼

X  

3382 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3382
Description  12 mm Rotary Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3382 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3382 Datasheet HTML 1Page - Bourns Electronic Solutions 3382 Datasheet HTML 2Page - Bourns Electronic Solutions 3382 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ORIENTATION FEATURE
3.50
(.138)
DIA.
2.50
(.098)
0.75
(.030)
ORIENTATION FEATURE
4.0 +0.1/-0.0
(.157 +.004/-.000)
DIA.
3.0 +0.1/-0.0
(.118 +.004/-.000)
1.00
(.039)
103G-1
TAIWAN
103H-1
TAIWAN
1.0 +0.1/-0.0
(.039 +.004/-0.0)
DIA. 4 PLCS.
5.00
(.197)
2.50
(.098)
5.5
(.217)
7.0
(.276)
5.00
(.197)
DIA.
DIA.
1.0 +0.05/-0.10
(.039 +.020/.004)
3.00
(.118)
5.0 +0.0/-0.1
(.197 +0.0/-.004)
7.50
(.295)
12.04
(.474)
103G-1
TAIWAN
11.00
(.433)
40 °
TYP.
5.54
(.218)
6.50
(.256)
3.58
(.141)
2
0.76
(.030)
103H-1
TAIWAN
RESISTANCE CODE,
PIN & SHAFT STYLE
DATE CODE
MFG. LOCATION
2.49
(0.098)
2.49
(0.098)
2
1
3
0.20
(.008)
45 ° X
CHAMFER TYP.
TYP.
0.20
(.008)
1.93
(.076)
MOUNTING
SURFACE
0.79
(.031)
0.97
(.038)
2.90
(.114)
2.8
(.110)
5.40 ± 0.50
(.213 ± .020)
6.90 ± 0.50
(.272 ± .020)
3.5
(.138)
11.00
(0.433)
40 °
5.54
(0.218)
6.50
(0.256)
6.70
(0.264)
8.20
(0.323)
3.58
(.141)
RESISTANCE CODE,
PIN & SHAFT STYLE
2.49
(0.098)
2.49
(0.098)
2
2
1
3
8.50
(0.335)
0.76
(0.030)
TYP.
5.49
(0.216)
12.04
(0.474)
14.90
(0.587)
1.0 +0.05/-0.10
(0.04 +.002/-.004)
DIA. 2 PLCS.
103G-1
TAIWAN
DATE CODE
MFG. LOCATION
5.00
(.197)
8.50
(.335)
5.2
(.205)
7.2
(.283)
5.5
(.217)
6.7
(.264)
5.8
(.228)
DIA.
1.1
(.043)
DIA. 2 PLCS.
1.8
(.071)
8.7
(.343)
2.1
(.083)
0.20
(0.039)
45 ° X
CHAMFER
TYP.
TYP.
0.60
(0.024)
0.20
(0.008)
TYP.
DIA.
1.02
(0.040)
TYP.
1.02
(0.040)
5.0 +0.0/-0.1
(0.197 +0.0/-0.004)
2.11
(0.083)
MOUNTING
SURFACE
103H-1
TAIWAN
Features
■ Surface mount and through-hole versions
■ 12 mm Square / Dustproof
■ One million rotational cycles
■ Thin profile
■ RoHS compliant*
Applications
■ Volume control on audio equipment
■ Motion controllers
■ Dishwasher control systems
■ Automotive temperature range
3382 - 12 mm Rotary Position Sensor
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
............................. 2.5K to 100K ohms
Resistance Tolerance ........... ±30 % std.
Linearity ......................................... ±2 %
Resolution ................. Essentially infinite
Insulation Resistance @ 500 VDC
............................. 100 megohms min.
Dielectric Strength
Sea Level............................... 500 VAC
70,000 Feet ........................... 350 VAC
Adjustment Angle ................. 330 ° nom.
Environmental Characteristics
Power Rating (16 volts max.)
50 °C .................................... 0.05 watt
120 °C ....................................... 0 watt
Operating Temperature Range
............................... -40 °C to +120 °C
Temperature Coefficient ... ±500 ppm/°C
Humidity .............................. TRS ±20 %
Shock .....20 G TRS ±10 %; VRS ±10 %
Load Life @ 50 °C Rated Power
...................................TRS +10/-20 %
Rotational Life .............1,000,000 cycles
TRS ±20 %
Thermal Shock .........................5 cycles
TRS ±20 %; VRS ±10 %
Physical Characteristics
Mechanical Angle ... Continuous rotation
Torque............................. 30 gf-cm max.
Weight ..............Approximately 0.0321 g
Marking........................ Resistance code
and date code
Standard Packaging
G Style ................. 1000 pcs./13 ” reel
H Style.............................50 pcs./tube
IP Rating ..........................................IP40
Product Dimensions
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
Recommended Land Pattern
TOLERANCES:
±0.30
UNLESS OTHERWISE NOTED
±(.012)
3382G
3382H
Recommended Land Pattern
Rotor Dimensions
-1
-2
How To Order
3382 G - 1 - 103 G
Model
Style
G = SMD with 8.5 mm
Locator Pin Spacing
H = Through-hole with
5 mm x 7.5 mm
Locator Pin Spacing
Standard Product Indicator
-1 = 4 mm Shaft Diameter
-2 = 3.5 mm Shaft Diameter
Resistance Code
Packaging Designator
G = 1000 pcs./13 ” Reel (G Style)
Blank = 50 pcs./Tube (H Style)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
2,500
252
5,000
502
10,000
103
25,000
253
50,000
503
100,000
104


Similar Part No. - 3382

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
340Kb / 3P
12 mm Rotary Position Sensor
logo
List of Unclassifed Man...
3382 ETC-3382 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3382 HEYCO-3382 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Adafruit Industries
3382 ADAFRUIT-3382 Datasheet
829Kb / 4P
Adafruit Metro M4 feat. Microchip ATSAMD51
logo
Sumida Corporation
3382-T227 SUMIDA-3382-T227 Datasheet
130Kb / 1P
General Power Transformer < Pin Type: EI Series>
More results

Similar Description - 3382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
Rotary Position Sensor IC
logo
Bourns Electronic Solut...
3382 BOURNS-3382_12 Datasheet
340Kb / 3P
12 mm Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
logo
ams AG
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com