Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down micro DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL205 Datasheet HTML 1Page - Torex Semiconductor XCL205 Datasheet HTML 2Page - Torex Semiconductor XCL205 Datasheet HTML 3Page - Torex Semiconductor XCL205 Datasheet HTML 4Page - Torex Semiconductor XCL205 Datasheet HTML 5Page - Torex Semiconductor XCL205 Datasheet HTML 6Page - Torex Semiconductor XCL205 Datasheet HTML 7Page - Torex Semiconductor XCL205 Datasheet HTML 8Page - Torex Semiconductor XCL205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
XCL205/XCL206/XCL207Series
Inductor Built-in Step-Down “micro DC/DC” Converters
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current:IOUT (mA)
VIN= 5.5V
5.0V
4.2V
VOUT=3.3V
(PWM)
XCL206/XCL207(PWM/PFM)
XCL205/XCL207
■
TYPICAL PERFORMANCE
CHARACTERISTICS
☆
GreenOperation Compatible
■
APPLICATIONS
●
Mobile phones, Smart phones
●
Bluetooth Headsets
●
WiMAX PDAs, MIDs, UMPCs
●
Portable game consoles
●
Digital cameras, Camcorders
●
Electronic dictionaries
■
TYPICAL APPLICATION CIRCUIT
ETR2801-008
■
GENERAL DESCRIPTION
The XCL205/XCL206/XCL207 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a
control IC in one tiny package (2.5mm×2.0mm, H=1.0mm). A stable power supply with an output current of 600mA is
configured using only two capacitors connected externally.
Operating voltage range is from 2.0V to 6.0V. Output voltage is internally set in a range from 0.8V to 4.0V in increments of
0.05V. The device is operated by 3.0MHz, and includes 0.42ΩP-channel driver transistor and 0.52ΩN-channel switching
transistor. As for operation mode, the XCL205 series is PWM control, the XCL206 series is automatic PWM/PFM switching
control and the XCL207 series can be manually switched between the PWM control mode and the automatic PWM/PFM
switching control mode, allowing fast response, low ripple and high efficiency over the full range of loads (from light load to
heavy load). During stand-by, the device is shutdown to reduce current consumption to as low as 1.0μA or less. With the
built-in UVLO (Under Voltage Lock Out) function, the internal driver transistor is forced OFF when input voltage becomes 1.4V
or lower. XCL205B/XCL206B/XCL207B series provide short-time turn-on by the soft start function internally set in 0.25 ms
(TYP). XCL205B(C) /XCL206 B(C) / XCL207B(C) integrate CL auto discharge function which enables the electric charge
stored at the output capacitor CL to be discharged via the internal auto-discharge switch located between the LX and VSS pins.
When the devices enter stand-by mode, output voltage quickly returns to the VSS level as a result of this function.
VIN
Vss
CE/MODE
LX
Vss
VOUT
CL
10μF
4.7μF
CIN
L1
L2
600mA
(TOP VIEW)
* “L1 and LX”, and “L2 and VOUT” is connected by wiring.
■
FEATURES
Ultra Small
: 2.5mm×2.0mm, H=1.0mm
Input Voltage
: 2.0V ~ 6.0V
Output Voltage
: 0.8V ~ 4.0V (+2.0%)
High Efficiency
: 90% (VIN=4.2V, VOUT=3.3V)
Output Current
: 600mA
Oscillation Frequency
: 3.0MHz (+15%)
Maximum Duty Cycle
Capacitor
CE Function
Protection Circuits
: 100%
: Low ESR Ceramic
: Active High
Soft-Start Circuit Built-In
CL High Speed Auto Discharge
:Current Limiter Circuit Built-In
(Constant Current & Latching)
Control Methods
: PWM (XCL205)
PWM/PFM Auto (XCL206)
PWM/PFM Manual (XCL207)
* Performance depends on external components and wiring on the PCB.
XCL205A333xx/XCL206A333xx/XCL207A333xx
XCL205/206/207 Series


Similar Part No. - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
XCL205A083AR-G TOREX-XCL205A083AR-G Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
XCL205A083CR-G TOREX-XCL205A083CR-G Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
XCL205A0A3AR-G TOREX-XCL205A0A3AR-G Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
More results

Similar Description - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
2.0A Inductor Built-in Step-Down DC/DC Converters
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
Inductor Built-in Step-Down “mini DC/DC” Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com