Electronic Components Datasheet Search
  English  ▼

X  

DS16F95QML Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95QML
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95QML Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS16F95QML Datasheet HTML 3Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 4Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 5Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 6Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 7Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 8Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 9Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 10Page - National Semiconductor (TI) DS16F95QML Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DC - Both Driver and Receiver Electrical Characteristics (Note 10)
The following conditions apply to all parameters, unless otherwise specified. V
CC = 5.5V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
I
CC
Supply Current I
CC Both
Disable
RE = 2V, DE = .8V
25
mA
1, 2, 3
I
CC
Supply Current I
CC Both
Enable
RE =.8V, DE = 2V
28
mA
1, 2, 3
V
IC
Input Clamp Volt
I
I = -18mA
-1.3
V
1, 2, 3
V
IH
Logical "1" Input Voltage
2
V
1, 2, 3
V
IL
Logical "0" Input Voltage
.8
V
1, 2, 3
V
IH
Logical "1" Enable Input
Voltage
2
V
1, 2, 3
V
IL
Logical "0" Enable Input
Voltage
.8
V
1,2,3
I
IL
Logical "0" Input Current
V
I = .4V
(Note 5)
-50
uA
1, 2, 3
AC - Driver Electrical Characteristics (Note 10)
The following conditions apply to all parameters, unless otherwise specified.
V
CC = 5V, PRR = 1MHZ,TR
≤ T
F
≤ 6nS, 50% duty cycle, AMP = 3V, VL
O,ZOUT =50
Ω
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
t
DD
Differential Output Delay Time
Figure 3
RL=60
Ω
(Note 9)
8
25
nS
9
(Note 9)
8
30
nS
10, 11
t
TD
Differential Output Transition
Time
Figure 3
RL=60
Ω
(Notes 8,
9)
825
nS
9
(Notes 8,
9)
8
30
nS
10, 11
t
PLH
Propagation Delay Time Low to
High
Figure 4
RL=27
Ω
618
nS
9
6
25
nS
10, 11
t
PHL
Propagation Delay Time high to
Low
Figure 4
RL=27
Ω
618
nS
9
6
25
nS
10, 11
t
PZH
Output Enable Time to H
Figure 5
RL = 110
Ω
35
nS
9
45
nS
10, 11
t
PZL
Output Enable Time to L
Figure 6
RL = 110
Ω
40
nS
9
50
nS
10, 11
t
PHZ
Output Disable Time to H
Figure 5
RL = 110
Ω
30
nS
9
40
nS
10, 11
t
PLZ
Output Disable Time to L
Figure 6
RL = 110
Ω
30
nS
9
40
nS
10, 11
T
SKEW
Differential Output Skew Time
Figure 3
6nS
9
12
nS
10, 11
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com