Electronic Components Datasheet Search
  English  ▼

X  

DS26F32MQML Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F32MQML
Description  DS26F32MQML
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MQML Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS26F32MQML Datasheet HTML 1Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MQML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams
20163301
Top View
16-Lead Ceramic DIP Pictured
See NS Package Number WG16A, J16A or W16A
20163307
20-Lead Ceramic Leadless Chip Carrier
See NS Package Number E20A
Function Table
(Each Receiver)
Differential Inputs
Enables
Outputs
V
ID =(V I+)−(VI−)
E
E
OUT
V
ID
≥ 0.2V
H
X
H
XL
H
V
ID
≤ −0.2V
H
X
L
XL
L
XL
H
Z
H = High Level
L = Low Level
X = Immaterial
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com