Electronic Components Datasheet Search
  English  ▼

X  

NISCXI-1190 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NISCXI-1190
Description  4x1 unterminated multiplexer/50 characteristic impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1190 Datasheet(HTML) 1 Page - National Instruments Corporation

  NISCXI-1190 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1190 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1190 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Overview
The National Instruments PXI-2590 and PXI-2591 are 4x1 high-
frequency unterminated multiplexing switches. The NI SCXI-1190 and
NI SCXI-1191 perform the same functions as the PXI-2590 and
PXI-2591 but also offer a quad 4x1 multiplexing configuration. The
switches are capable of switching signals from DC to 1.3 GHz
(SCXI-1190 and PXI-2590) and DC to 4 GHz (SCXI-1191 and
PXI-2591). The characteristic impedance of the channels is 50
.
For the SCXI-1190 and the PXI-2590, the maximum voltage rating
of the switches is 24 Vrms with a maximum current of 1 A. For the
SCXI-1191 and the PXI-2591, the maximum voltage rating is 30 Vrms
with a maximum current of 330 mA. All are well suited for
applications that require the routing of high-frequency signals inside
automated test equipment (ATE) systems because they can switch
signals with a very low insertion loss. In addition, the excellent
voltage standing-wave ratio (VSWR) and isolation parameters make
these modules the perfect choice in a system geared to high-
frequency applications as shown in Table 1.
Extended Features and Specifications
National Instruments switch modules are built with a number of core
features that are covered in detail in the Switch Overview section.
For additional information about the PXI-2590, PXI-2591, SCXI-1190, and
SCXI-1191, including software, certifications and compliance, relay
control, etc., please see page 20. For detailed specifications, please
see page 504.
1.3 GHz and 4 GHz Multiplexers
492 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
NI SCXI-1190 ................................................................776572-90
NI PXI-2590 ..................................................................777987-01
NI SCXI-1191 ................................................................776572-91
NI PXI-2591 ..................................................................778339-01
Includes switch module and NI-SWITCH driver software.
For information on extended warranty and value added
services, see page 20.
See page 499 for accessory and cable information.
BUY ONLINE!
Visit ni.com/products and enter pxi2590, pxi2591, scxi1190,
and/or scxi1191.
Ordering Information
• 4x1 unterminated multiplexer
• 50
characteristic impedance
•High-bandwidth
electromechanical relays
•Excellent insertion loss, VSWR,
and isolation specifications
•Fully software programmable
SCXI-1190 (quad 4x1),
PXI-2590 (single 4x1)
• 1.3 GHz bandwidth
• SMB direct connectivity
•1 A at 24 VDC capacity
SCXI-1191 (quad 4x1),
PXI-2591 (single 4x1)
•4 GHz bandwidth
• SMA direct connectivity
• 330 mA at 30 VDC capacity
Operating Systems
•Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabVIEW Real-Time Module
(PXI Modules only)
• LabWindows/CVI
•Measurement Studio
• NI Switch Executive
Other Compatible Software
•Visual Basic
• C/C++
Driver Software (included)
• NI-SWITCH
Compliance
•CE
NI SCXI-1190, NI PXI-2590, NI SCXI-1191, NI PXI-2591
Module
Insertion Loss
VSWR
SCXI-1190, PXI-2590 (@ 1.3 GHz)
< 1.5 dB
< 1.5
SCXI-1190, PXI-2590 (@ 2 GHz)
< 3 dB
< 2.5
SCXI-1191, PXI-2591 (@ 4 GHz)
< 0.9 dB
< 1.5
Table 1. Parameters of High-Frequency Switching Modules


Similar Part No. - NISCXI-1190

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NISCXI-1193 NI-NISCXI-1193 Datasheet
537Kb / 4P
500 MHz bandwidth/50 OHM characteristic impedance
NISCXI-1195 NI-NISCXI-1195 Datasheet
333Kb / 3P
5 GHz 4x1 and Quad 4x1 Multiplexers
More results

Similar Description - NISCXI-1190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4141 MAXIM-MAX4141 Datasheet
69Kb / 8P
330MHz, 4x1 Precision Video Multiplexer
Rev 0; 5/95
logo
Gennum Corporation
GX434 GENNUM-GX434 Datasheet
200Kb / 9P
GX434 Monolithic 4x1 Video Multiplexer
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
GX214A Monolithic 4x1 Video Multiplexer
GX4404 GENNUM-GX4404 Datasheet
127Kb / 3P
GX4404 Wideband, Monolithic 4x1 Video Multiplexer
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
Wideband, Monolithic 4x1 Video Multiplexer
logo
National Instruments Co...
PXI-2593 NI-PXI-2593 Datasheet
537Kb / 4P
500 MHz bandwidth/50 OHM characteristic impedance
logo
Peregrine Semiconductor
PE4256MLIAA PSEMI-PE4256MLIAA Datasheet
913Kb / 8P
75 characteristic impedance
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Amphenol Corporation
C-L17DM53742-5001 AMPHENOL-C-L17DM53742-5001 Datasheet
125Kb / 1P
impedance-50 ohms nominal
logo
Banner Engineering Corp...
PIT46U-VL BANNER-PIT46U-VL Datasheet
77Kb / 1P
PIT4 VALUE LINE SERIES UNTERMINATED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com