Electronic Components Datasheet Search
  English  ▼

X  

USB-5680 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-5680
Description  True RMS power measurements/Diode power meter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-5680 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-5680 Datasheet HTML 1Page - National Instruments Corporation USB-5680 Datasheet HTML 2Page - National Instruments Corporation USB-5680 Datasheet HTML 3Page - National Instruments Corporation USB-5680 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6 GHz True RMS Power Meter
with Bus-Powered USB Connectivity
Overview
The National Instruments USB-5680 is a 6 GHz true RMS (root-mean-
square) power meter that features high measurement accuracy and wide
dynamic range. As a true RMS power meter, the NI USB-5680 is ideal
for measuring the power of continuous wave (CW) signals. In addition,
it offers better than ±0.18 dB of linearity across all frequency ranges and
all power levels. This functionality, combined with a flexible API, makes
it ideal for measuring path loss in automated test applications. In
addition, its small size (less than 9.6 cubic in.) frees up valuable rack
space without sacrificing performance. One of the biggest benefits of the
USB-5680 is its USB connectivity. Powered solely from the USB cable, it
consumes only 100 mA of current. Thus, you can use this power meter in
both production test and field applications with a laptop. Moreover, USB
connectivity helps you easily integrate the power meter with PC and PXI
systems in an automated test environment.
Architecture
The USB-5680 RF power meter features a dual-path architecture to
achieve 63 dB of dynamic range. This architecture improves power
measurement accuracy by ensuring that the diode sensors are used in
their most linear region. A block diagram of the USB-5680 architecture
is shown in Figure 1.
As Figure 1 shows, the first measurement range is from -5 to +23 dBm
and the second is from -40 to -5 dBm. This accounts for a combined
dynamic range of -40 to +23 dBm with a single power head.
• True RMS power measurements
• Diode power meter
• -40 to +23 dBm power range
• 50 MHz to 6 GHz frequency range
• 10 and 100 Hz typical
channel bandwidth
• ±0.13 dB accuracy at <+18 dBm
• ±0.18 dB accuracy at
≥+18 dBm
• Internal zeroing capability
• <3 percent sensor linearity
• Standing wave ratio <1.2 to 6 GHz
• 100 mA typical power consumption
• USB bus connectivity
• N-type connector
Operating System
• Windows Vista/XP/2000
Recommended Software
• LabVIEW
• LabWindows™/CVI
Driver Software (included)
• NI-568x
Calibration
• Gain and offset self-calibration
• 1-year external calibration cycle
NI USB-5680 NEW!
USB
Microprocessor
ADC
Averaging
Pre-Amp
Averaging
Pre-Amp
Detector B
(-40 to -5 dBm)
(-5 to +23 dBm)
Detector A
6 dB
Attenuator
6 dB
Splitter
27 dB
Attenuator
10 dB
Attenuator
DC Block
Input
Figure 1. Block Diagram of the NI USB-5680
>>
For complete specifications, visit ni.com/manuals
and search for USB-5680 Specifications.


Similar Part No. - USB-5680

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-5801 ADVANTECH-USB-5801 Datasheet
359Kb / 1P
4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
USB-5801-AE ADVANTECH-USB-5801-AE Datasheet
359Kb / 1P
4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
USB-5817 ADVANTECH-USB-5817 Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-5817-AE ADVANTECH-USB-5817-AE Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-5820 ADVANTECH-USB-5820 Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
More results

Similar Description - USB-5680

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
400Amp True RMS AC Clamp Meter
EX613 EXTECH-EX613 Datasheet
384Kb / 14P
400Amp True RMS AC/DC Clamp Meter
EX622 EXTECH-EX622 Datasheet
452Kb / 15P
400Amp True RMS AC Clamp Meter with IR Thermometer
MA620 EXTECH-MA620 Datasheet
296Kb / 12P
600Amp AC True RMS Clamp Meter
MA640 EXTECH-MA640 Datasheet
306Kb / 12P
600Amp AC/DC True RMS Clamp Meter
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
TRUE RMS RF POWER DETECTOR
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
FLUKE-115 ETC2-FLUKE-115 Datasheet
760Kb / 2P
Compact true-rms meter for field service technicians
logo
Extech Instruments Corp...
MA410T EXTECH-MA410T_15 Datasheet
247Kb / 1P
400A AC True RMS Clamp Meter NCV
MA1500 EXTECH-MA1500 Datasheet
470Kb / 1P
1500A True RMS AC/DC Clamp Meter NCV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com