Electronic Components Datasheet Search
  English  ▼

X  

USB-6008 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-6008
Description  8 analog inputs at 12 or 14 bits,up to 48 kS/s
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6008 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-6008 Datasheet HTML 1Page - National Instruments Corporation USB-6008 Datasheet HTML 2Page - National Instruments Corporation USB-6008 Datasheet HTML 3Page - National Instruments Corporation USB-6008 Datasheet HTML 4Page - National Instruments Corporation USB-6008 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low-Cost, Bus-Powered Multifunction DAQ for USB –
12- or 14-Bit, up to 48 kS/s, 8 Analog Inputs
Overview and Applications
With recent bandwidth improvements and new innovations from
National Instruments, USB has evolved into a core bus of choice for
measurement applications. The NI USB-6008 and USB-6009 are low-
cost entry points to NI flagship data acquisition (DAQ) devices. With
plug-and-play USB connectivity, these modules are simple enough for
quick measurements but versatile enough for more complex
measurement applications.
The USB-6008 and USB-6009 are ideal for a number of applications
where low cost, small form factor, and simplicity are essential.
Examples include:
• Data logging – quick and easy environmental or voltage data logging
• Academic lab use – student ownership of DAQ hardware for
completely interactive lab-based courses (Academic pricing available.
Visit ni.com/academic for details.)
• OEM applications as I/O for embedded systems
Recommended Software
National Instruments measurement services software, built around
NI-DAQmx driver software, includes intuitive application programming
interfaces, configuration tools, I/O assistants, and other tools
designed to reduce system setup, configuration, and development time.
National Instruments recommends using the latest version of NI-DAQmx
driver software for application development in NI LabVIEW, LabVIEW
SignalExpress, LabWindows/CVI, and Measurement Studio software.
To obtain the latest version of NI-DAQmx, visit
ni.com/support/daq/versions.
NI measurement services software speeds up your development with
features including:
• A guide to create fast and accurate measurements with no
programming using the DAQ Assistant.
• Automatic code generation to create your application in LabVIEW.
• LabWindows/CVI; LabVIEW SignalExpress; and C#, Visual Studio .NET,
ANSI C/C++, or Visual Basic using Measurement Studio.
• Multithreaded streaming technology for 1,000 times
performance improvements.
• Automatic timing, triggering, and synchronization routing
to make advanced applications easy.
• More than 3,000 free software downloads available at
ni.com/zone to jump-start your project.
• Software configuration of all digital I/O features without
hardware switches/jumpers.
• Single programming interface for analog input, analog output,
digital I/O, and counters on hundreds of multifunction DAQ hardware
devices. M Series devices are compatible with the following versions
(or later) of NI application software – LabVIEW, LabWindows/CVI, or
Measurement Studio versions 7.x; and LabVIEW SignalExpress 2.x.
• 8 analog inputs at 12 or 14 bits,
up to 48 kS/s
• 2 analog outputs at 12 bits,
software-timed
• 12 TTL/CMOS digital I/O lines
• 32-bit, 5 MHz counter
• Digital triggering
• Bus-powered
• 1-year warranty
Operating Systems
• Windows Vista (32- and 64-bit)/XP/2000
• Mac OS X1
• Linux®1
• Windows Mobile1
• Windows CE1
Recommended Software
• LabVIEW
• LabVIEW SignalExpress
• LabWindows™/CVI
• Measurement Studio
Other Compatible Software
• C#, Visual Basic .NET
• ANSI C/C++
Measurement Services
Software (included)
• NI-DAQmx driver software
• Measurement & Automation
Explorer configuration utility
• LabVIEW SignalExpress LE
1You need to download NI-DAQmx
Base for these operating systems.
NI USB-6008, NI USB-6009
Product
Bus
Analog
Inputs1
Input
Resolution
(bits)
Max
Sampling Rate
(kS/s)
Input
Range
(V)
Analog
Outputs
Output
Resolution
(bits)
Output
Rate
(Hz)
Output
Range
(V)
Digital
I/O
Lines
32-Bit
Counter
Trigger
USB-6009
USB
8 SE/4 DI
14
48
±1 to ±20
2
12
150
0 to 5
12
1
Digital
USB-6008
USB
8 SE/4 DI
12
10
±1 to ±20
2
12
150
0 to 5
12
1
Digital
1SE = single ended, DI = differential
2Software-timed


Similar Part No. - USB-6008

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-6211 NI-USB-6211 Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
USB-6212 NI-USB-6212 Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
USB-6216 NI-USB-6216 Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
USB-6218 NI-USB-6218 Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
USB-621X NI-USB-621X Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
More results

Similar Description - USB-6008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
Analog to Digital Converter 8 canali 12 bits
logo
Advantech Co., Ltd.
PCI-1715U ADVANTECH-PCI-1715U Datasheet
563Kb / 1P
500 kS/s, 12-bit, 32-ch Isolated Analog 500 kS/s, 12-bit, 32-ch Isolated Analog
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
777666-01 NI-777666-01 Datasheet
446Kb / 4P
Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
PXI-4204 NI-PXI-4204 Datasheet
108Kb / 4P
DAQ for High-Voltage Measurements 16-Bit, 200 kS/s, 8 Analog Inputs
NI6071E NI-NI6071E Datasheet
257Kb / 11P
Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
NIPXI-6224 NI-NIPXI-6224 Datasheet
731Kb / 22P
Low-Cost M Series Multifunction Data Acquisition - 16-Bit, 250 kS/s, up to 80 Analog Inputs
NIPXI-6229 NI-NIPXI-6229 Datasheet
731Kb / 22P
Low-Cost M Series Multifunction Data Acquisition - 16-Bit, 250 kS/s, up to 80 Analog Inputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com