Electronic Components Datasheet Search
  English  ▼

X  

USB-6221 Datasheet(PDF) 16 Page - National Instruments Corporation

Part # USB-6221
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6221 Datasheet(HTML) 16 Page - National Instruments Corporation

Back Button USB-6221 Datasheet HTML 12Page - National Instruments Corporation USB-6221 Datasheet HTML 13Page - National Instruments Corporation USB-6221 Datasheet HTML 14Page - National Instruments Corporation USB-6221 Datasheet HTML 15Page - National Instruments Corporation USB-6221 Datasheet HTML 16Page - National Instruments Corporation USB-6221 Datasheet HTML 17Page - National Instruments Corporation USB-6221 Datasheet HTML 18Page - National Instruments Corporation USB-6221 Datasheet HTML 19Page - National Instruments Corporation USB-6221 Datasheet HTML 20Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
NI USB-622x/625x OEM User Guide
16
ni.com
Windows Vista/XP Users
Figure 13 depicts how a USB-6251 (OEM) device name appears in the
Found New Hardware Wizard and Windows Device Manager.
Figure 13. USB-6251 OEM Device in the Found New Hardware Wizard and
Device Manager (Windows Vista/XP)
To modify the device name in the Found New Hardware Wizard and
Windows Device Manager in Microsoft Windows Vista/XP, complete the
following steps.
Note
You must have NI-DAQmx 8.6 or later installed on your PC.
1.
Locate the OEMx.inf file in the y:\WINDOWS\inf\ directory,
where x is the random number assigned to the INF file by Windows,
and y:\ is the root directory where Windows is installed.
Note
New security updates to Microsoft Vista and NI-DAQ 8.6 create random INF files
for NI hardware. Windows assigns random file numbers to all INF files, which causes the
user to search through several INF files until the correct file is located.
If you want to revert back, save a copy of this file as
OEM
x_original.inf
in a different location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com