Electronic Components Datasheet Search
  English  ▼

X  

USB-6525 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # USB-6525
Description  Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6525 Datasheet(HTML) 4 Page - National Instruments Corporation

  USB-6525 Datasheet HTML 1Page - National Instruments Corporation USB-6525 Datasheet HTML 2Page - National Instruments Corporation USB-6525 Datasheet HTML 3Page - National Instruments Corporation USB-6525 Datasheet HTML 4Page - National Instruments Corporation USB-6525 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 73/23/EEC; Low-Voltage Directive (safety)
• 89/336/EEC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives, visit
ni.com/environment/weee.htm.
Industrial Digital I/O Device for USB – 60 V, Channel-to-Channel Isolated
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com