Electronic Components Datasheet Search
  English  ▼

X  

USB-8472 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-8472
Description  1-port interfaces for high-speed CAN,low-speed/fault-tolerant CAN, and LIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-8472 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-8472 Datasheet HTML 1Page - National Instruments Corporation USB-8472 Datasheet HTML 2Page - National Instruments Corporation USB-8472 Datasheet HTML 3Page - National Instruments Corporation USB-8472 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CAN and LIN Interfaces for Hi-Speed USB
Overview
NI USB-847x devices provide Hi-Speed USB interfaces for Controller Area
Network (CAN) and Local Interconnect Network (LIN) monitoring, logging,
and testing. With high-speed CAN, low-speed/fault-tolerant CAN, and
LIN interfaces featuring optional hardware synchronization, you can use
two or more USB-847x devices together to interface to a wide variety of
CAN and LIN networks.
The USB-847x interfaces are ideal for many types of
applications, including:
• In-vehicle network monitoring and logging
• Bus load monitoring
• Device validation with synchronized data acquisition
• CAN device development and test
• CAN and LIN data correlation with external measurements
The convenient all-in-one design features a captive 2 m USB cable
and built-in transceiver, requiring no extra cables or accessories to
get applications running quickly.
With hardware timestamping, you can log messages with
microsecond-accurate timestamps for reconstructing network events
and correlating data across synchronized devices. All USB-847x
interfaces use an industry-standard 9-pin male D-Sub (DB9) connector
to interface to CAN and LIN buses.
Hi-Speed USB connectivity and onboard frame buffering ensure
no dropped frames, even under 100 percent bus loads.
CAN Interfaces
USB-847x CAN interfaces feature the industry-standard Philips SJA1000
CAN controller, which implements ISO 11898 CAN functionality. The
SJA1000 offers additional features to aid in system development,
including listen-only mode, sleep/wakeup mode, error counter access,
and self-reception (echo) mode. USB-847x CAN interfaces recognize
standard (11-bit) and extended (29-bit) arbitration IDs and are compatible
with J1939 networks.
• 1-port interfaces for high-speed CAN,
low-speed/fault-tolerant CAN, and LIN
• Optional hardware synchronization
• Hi-Speed USB, bus-powered
• 500 V digital isolation
• Bus error logging
• Hardware timestamping – 1 µs resolution
CAN Interfaces
• Philips SJA1000 CAN controller
• Transmit/receive 100 percent bus load
at 1 Mb/s
• ISO 11898 compliance for standard (11-
bit) and extended (29-bit) arbitration IDs
• Software-selectable termination for
low-speed/fault-tolerant CAN
• J1939 compliance
LIN Interfaces
• Atmel ATA6620 transceiver
• LIN 1.3/2.0 and J2602 compliance
• Software-selectable master/
slave termination
Operating Systems
• Windows Vista/XP/2000
Recommended Software
• LabVIEW
• LabWindows™/CVI
• Visual C++ 6.0
• Visual Basic 6.0
• Borland C/C++
Application Software
(included)
• CAN/LIN bus monitoring
and logging utility
Driver Software
(included)
• NI-CAN
NI USB-8472, NI USB-8472s, NI USB-8473,
NI USB-8473s, NI USB-8476, NI USB-8476s,
Model
Physical Layer
Transceivers
Ports
Max Transfer
Rate (kb/s)
Hardware
Sync
Software
Termination
API
USB-8472
Low-speed/fault-tolerant CAN
TJA1054AT
1
125
–

Frame
USB-8472s
Low-speed/fault-tolerant CAN
TJA1054AT
1
125


Frame
USB-8473
High-speed CAN
TJA1041
1
1,000
–
–
Frame
USB-8473s
High-speed CAN
TJA1041
1
1,000

–
Frame
USB-8476
LIN
ATA6620
1
20
–

Frame
USB-8476s
LIN
ATA6620
1
20


Frame
Table 1. NI USB-847x Selection Guide


Similar Part No. - USB-8472

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
8-Port RS-232 USB to Serial Adapter Data Control Box
USB-8COMI-M COOLGEAR-USB-8COMI-M Datasheet
897Kb / 3P
Basic Measurements
8/6/2021
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
logo
Mini-Circuits
USB-8SPDT-A18 MINI-USB-8SPDT-A18 Datasheet
1Mb / 17P
USB RF-SPDT Switch Matrix
More results

Similar Description - USB-8472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Infineon Technologies A...
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33889 FREESCALE-33889 Datasheet
2Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G_07 Datasheet
471Kb / 26P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.1, Aug. 2007
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
System voltage regulator with fault tolerant low speed CAN transceiver
19-Sep-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com