Electronic Components Datasheet Search
  English  ▼

X  

WAP-3701 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # WAP-3701
Description  IEEE 802.11g/b compliance / 0 to 60 째C operating temperature
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

WAP-3701 Datasheet(HTML) 2 Page - National Instruments Corporation

  WAP-3701 Datasheet HTML 1Page - National Instruments Corporation WAP-3701 Datasheet HTML 2Page - National Instruments Corporation WAP-3701 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
>>
For complete specifications, see the
NI WAP-37x1 User Manual
at ni.com/manuals.
WLAN
Standards ............................................
IEEE 802.11g/b
for Wireless LAN, IEEE 802.3u
10/100BASE-T(X) for
Ethernet LAN, IEEE 802.3af
for Power-over-Ethernet
Frequency range..................................
2.4 to 2.4835 GHz, direct
sequence spread spectrum (DSSS)
Data rate and modulation...................
OFDM @ 54 Mb/s,
CCK @ 11/5.5 Mb/s,
DQPSK @ 2 Mb/s, and
DBSK @ 1 Mb/s
Operating channels
North American ..............................
1-11
Europe .............................................
1-13
Security ...............................................
64- and 128-bit WEP encryption,
WPA (IEEE 802.1X/RADIUS
and TKIP)
Data rates ...........................................
1 Mb/s, 2 Mb/s, 5.5 Mb/s,
6 Mb/s, 9 Mb/s, 11 Mb/s,
12 Mb/s, 18 Mb/s, 24 Mb/s,
36 Mb/s, 48 Mb/s, 54 Mb/s
Transmit power ...................................
Typical
+18 dBm (±1.5 dBm) @ 11 Mb/s,
+14 dBm (±1.5 dBm) @ 54 Mb/s
RX sensitivity
802.11b ...........................................
-81 dBm @ 11 Mb/s,
-85 dBm @ 5.5 Mb/s,
-86 dBm @ 2 Mb/s,
-87 dBm @ 1 Mb/s
802.11g ...........................................
-68 dBm @ 54 Mb/s,
-70 dBm @ 48 Mb/s,
-74 dBm @ 36 Mb/s,
-78 dBm @ 24 Mb/s,
-81 dBm @ 18 Mb/s,
-84 dBm @ 12 Mb/s,
-85 dBm @ 9 Mb/s,
-86 dBm @ 6 Mb/s
Software Features
Protocols..............................................
HTTP, DHCP, TCP/IP, RADIUS,
DNS, NetBIOS, AppleTalk,
and IPX/SPX
Configuration.......................................
Web-based management
Client OS support................................
Windows XP/2000/Me/9x/NT,
Unix, and Macintosh
Interface
Antenna...............................................
2 dBi diversity antenna with an
R-SMA connector
RJ45 port.............................................
10/100BASE-T(X)
autonegotiation speed
LED indicators .....................................
PWR1, PWR2, WLAN, LAN
(Link/ACT)
Power
Input voltage .......................................
12 to 45 VDC, redundant dual
DC power inputs or 48 VDC
Power-over-Ethernet (IEEE 802.3af)
Input current........................................
0.3 A (@ 24 V)
Overload current protection................
1.6 A
Connection ..........................................
Removable terminal block
Reverse polarity protection.................
Present
Mechanical
Casing..................................................
IP30 protection, metal case
Dimensions (w by h by d)....................
53.6 by 135 by 105 mm
(2.11 by 5.31 by 4.13 in.)
Weight.................................................
800 g
Installation ..........................................
DIN-rail or wall mounting
optional kit
Environmental
Operating temperature .......................
0 to 60 °C (32 to 140 °F)
Storage temperature...........................
-20 to 70 °C (-4 to 158 °F)
Ambient relative humidity ..................
5 to 95% (noncondensing)
Regulatory Approvals
Safety ..................................................
UL60950-1, CSA C22.2
No. 60950-1, EN60950-1, TUV
Hazardous locations............................
UL/cUL Class I, Division 2,
Groups A, B, C, and D
Emissions ............................................
FCC, CE, SRRC
Radio ...................................................
EN300 328
EMC ....................................................
EN301489-1/-17
EMI ....................................................
FCC Part 15C
MTBF ...................................................
200,000 hrs
Database .............................................
MIL-HDBK-217F, GB 25 °C
Industrial Wireless Access Points, Clients, and Bridges
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com