Electronic Components Datasheet Search
  English  ▼

X  

VDRS-60 Datasheet(PDF) 4 Page - CUI INC

Part # VDRS-60
Description  60 W MINI POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDRS-60 Datasheet(HTML) 4 Page - CUI INC

  VDRS-60 Datasheet HTML 1Page - CUI INC VDRS-60 Datasheet HTML 2Page - CUI INC VDRS-60 Datasheet HTML 3Page - CUI INC VDRS-60 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
06/2010
4 of 4
60 W MINI POWER SUPPLY
VDRS-60
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
ACTIVE DC SIGNAL
BLOCK DIAGRAM
Contact Close
When the output voltage reaches the adjusted output voltage
Contact Open
When the output voltage drop below 90% output voltage
Contact Ratings (max.)
30V / 1A resistive load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com