Electronic Components Datasheet Search
  English  ▼

X  

MN-TM Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MN-TM
Description  PVC, UL 300 V, cold resistant (- 40째C)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MN-TM Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MN-TM Datasheet HTML 1Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.shield.net
CABLES - CAVI
PVC, UL 300 V, cold resistant (- 40°C)
Description. Conductor insulation: special PVC. Outer sheath: special PVC.
Application. This style is suitable for generic applications on industrial machinery. This cable
materials and dimensions make it suitable to be used with low temperature. Limited resistance
to abrasion. Good resistance to common oils (UL 1581). Flame resistance degree: UL94 vertical
flame test, IEC 60332-1.
Max working voltage: 300 V. Test voltage: 2000 V.
Note to table:
(a) example: 3 = three wires; 2+1 = two wires + yellow/green earth.
(b) colours: A = brown, blue, black, white, grey; yellow/green earth if present.
C = according to IEC 60304 (former DIN 47100), see section “General Information”.
N = black with white numbers; yellow/green earth if present.
PVC, UL 300 V, resistente al freddo (- 40°C)
Descrizione. Isolante conduttori: PVC speciale. Guaina esterna: PVC speciale.
Impiego. Questo style è adatto per impieghi generici su macchine industriali. I materiali e le
dimensioni di questo cavo lo rendono adatto ad essere usato con basse temperature. Buona
resistenza agli oli comuni (UL 1581). Grado di resistenza alla fiamma: UL94 test fiamma
verticale, IEC 60332-1.
Tensione massima di lavoro: 300 V. Tensione di prova: 2000 V.
Note alla tabella:
(a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde.
(b) colori: A = marrone, blu, nero, bianco, grigio; terra giallo/verde se presente.
C = secondo IEC 60304 (ex DIN 47100), vedere sezione “Informazioni Generali”.
N = nero con numeri bianchi; terra giallo/verde se presente.
MN-TM
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MN-TM9
3x0,34
MN-TM93-03XA5
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
4x0,34
MN-TM93-04XA5
304
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
2x0,50
MN-TM94-02XC5
415
300V 80°C
bk 9005
C
5
-40...+ 80
without marking
senza marchi
3x0,50
MN-TM94-03XA5
416
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
2x0,75
MN-TM95-02XA5
571
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
(2+1)x0,75
MN-TM95-03GA5
572
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
3x0,75
MN-TM95-03XA5
573
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
2x1,00
MN-TM96-02XA5
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
(2+1)x1,00
MN-TM96-03GA5
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
(3+1)x1,00
MN-TM96-04GA5
300V 80°C
bk 9005
A
5
-40...+ 80
without marking
senza marchi
33 MN-T 3
20080908_1.pdf 62
08/09/2008 17.55.53


Similar Part No. - MN-TM

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-TE SHIELD-MN-TE Datasheet
110Kb / 2P
PVC, UL 300 V
MN-TE9 SHIELD-MN-TE9 Datasheet
110Kb / 2P
PVC, UL 300 V
MN-TE92-02XA5 SHIELD-MN-TE92-02XA5 Datasheet
110Kb / 2P
PVC, UL 300 V
MN-TE92-03XA5 SHIELD-MN-TE92-03XA5 Datasheet
110Kb / 2P
PVC, UL 300 V
MN-TE92-04XA5 SHIELD-MN-TE92-04XA5 Datasheet
110Kb / 2P
PVC, UL 300 V
More results

Similar Description - MN-TM

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
PUR, pvc insulation, UL 600 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
PUR, halogen free, UL 300 V
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
PVC, UL 300 V
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
PVC, HAR-UL-CSA tri-norm, 600 V
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
PVC, UL 300 V, shielded
logo
PHOENIX CONTACT
1422351 PHOENIX-1422351 Datasheet
90Kb / 3P
Oil-resistant according to UL 157
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com