Electronic Components Datasheet Search
  English  ▼

X  

MV-SF Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MV-SF
Description  Resolver cables, total and single pairs shielding, PUR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MV-SF Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MV-SF Datasheet HTML 1Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CABLES - CAVI
www.shield.net
Resolver cables,
total and single pairs shielding, PUR
Description. Conductor insulation of PP, separation soft tape, tinned copper braid, minimum
coverage 85% and PVC sheath over each signal pair. Shielding on the total EMC 89/336/EC.
Overall sheath of matt halogen free polyether polyurethane (PUR).
Application. Designed for Resolver connection in particularly heavy duty applications. Very
good resistance to common chemical agents and oils (UL 1581).
Abrasion resistance and excellent mobile laying behaviour (10 m/s2, 220 m/min).
Max working voltage: 250 V. Test voltage: 1500 V.
Note to table:
(a) example: 3x2 = six wires twisted in pairs; s = shielding.
(b) colours: E = bk/rd, bk/wh, bk/gn, bk/bu, bk/ye, bk/bn, bk/og, rd/wh, rd/gn.
(c) norms: UL = UL recognized (United States) / CSA = CSA recognized (Canada).
Cavi resolver,
schermo singole coppie e totale, PUR
Descrizione. Isolante conduttori in PP, nastro morbido di separazione, schermo a treccia in
rame stagnato, copertura minima 85% e guaina in PVC su ciascuna coppia di segnali. Schermo
sul totale, EMC 89/336/CE. Tutto è racchiuso da una guaina esterna in poliuretano (PUR).
Impiego. Progettato per collegamento di resolver in applicazioni particolarmente gravose.
Ottima resistenza agli agenti chimici e agli idrocarburi comuni (UL1581).
Ottimo comportamento in posa mobile (10 m/s2, 220 m/min) e resistenza all’abrasione.
Tensione massima di lavoro: 250 V. Tensione di prova: 1500 V.
Note alla tabella:
(a) esempio: 3x2 = sei conduttori cordati a coppie; s = schermo.
(b) colori: E = bk/rd, bk/wh, bk/gn, bk/bu, bk/ye, bk/bn, bk/og, rd/wh, rd/gn.
(c) norme: UL = certificato UL (Stati Uniti) / CSA = certificato CSA (Canada).
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MV-SF6
[3x(2x0,25)s]s
MV-SF62-06ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[4x(2x0,25)s]s
MV-SF62-08ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[5x(2x0,25)s]s
MV-SF62-10ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[6x(2x0,25)s]s
MV-SF62-12ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[9x(2x0,25)s]s
MV-SF62-18ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[3x(2x0,34)s]s
MV-SF63-06ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[4x(2x0,34)s]s
MV-SF63-08ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[5x(2x0,34)s]s
MV-SF63-10ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[6x(2x0,34)s]s
MV-SF63-12ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
[9x(2x0,34)s]s
MV-SF63-18ME5
30V 80°C UL-CSA
gn 6018
E
6
-30...+ 80
-10...+ 80
MV-SF
33 MV-S 2
20080908_1.pdf 79
08/09/2008 17.55.56


Similar Part No. - MV-SF

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
MV-SCF PREMO-MV-SCF Datasheet
223Kb / 2P
Medium Voltage Single Mode Coexistence Filter
logo
SHIELD s.r.l.
MV-SD SHIELD-MV-SD Datasheet
72Kb / 1P
Resolver cables, single pairs shielding, PUR
MV-SD6 SHIELD-MV-SD6 Datasheet
72Kb / 1P
Resolver cables, single pairs shielding, PUR
MV-SD62-06ME5 SHIELD-MV-SD62-06ME5 Datasheet
72Kb / 1P
Resolver cables, single pairs shielding, PUR
MV-SD62-08ME5 SHIELD-MV-SD62-08ME5 Datasheet
72Kb / 1P
Resolver cables, single pairs shielding, PUR
More results

Similar Description - MV-SF

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
Encoder and Decoder Pairs
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
SHIELD s.r.l.
MV-ED SHIELD-MV-ED Datasheet
75Kb / 1P
Brushless motor cables PUR
MV-LD SHIELD-MV-LD Datasheet
78Kb / 1P
Siemens짰 brushless motor cables PUR
MV-MD SHIELD-MV-MD Datasheet
74Kb / 1P
Indramat짰 brushless motor cables PUR
MV-PD SHIELD-MV-PD Datasheet
72Kb / 1P
Control connection cables PUR
MV-SD SHIELD-MV-SD Datasheet
72Kb / 1P
Resolver cables, single pairs shielding, PUR
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
 Encoder and Decoder Pairs
logo
TT Electronics.
OPS665 TTELEC-OPS665 Datasheet
1Mb / 8P
LED and Photosensor Pairs
logo
TE Connectivity Ltd
CAT-ATS0023 TEC-CAT-ATS0023 Datasheet
101Kb / 1P
SINGLE COIL RESOLVER (SCR)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com