Electronic Components Datasheet Search
  English  ▼

X  

APT30DS60B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT30DS60B
Description  2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30DS60B Datasheet(HTML) 4 Page - Advanced Power Technology

  APT30DS60B Datasheet HTML 1Page - Advanced Power Technology APT30DS60B Datasheet HTML 2Page - Advanced Power Technology APT30DS60B Datasheet HTML 3Page - Advanced Power Technology APT30DS60B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APT30DS60B_S
4
3
1
2
5
5
Zero
1
2
3
4
diF/dt - Rate of Diode Current Change Through Zero Crossing.
IF - Forward Conduction Current
IRRM - Maximum Reverse Recovery Current.
trr - Reverse Recovery Time, measured from zero crossing where diode
Qrr - Area Under the Curve Defined by IRRM and trr.
current goes from positive to negative, to the point at which the straight
line through IRRM and 0.25 IRRM passes through zero.
Figure 9. Diode Test Circuit
Figure 10, Diode Reverse Recovery Waveform and Definitions
0.25 IRRM
PEARSON 2878
CURRENT
TRANSFORMER
diF/dt Adjust
30
µH
D.U.T.
+18V
0V
Vr
trr/Qrr
Waveform
APT6017BLL
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
TO-247 Package Outline
D
3PAK Package Outline
15.85 (.624)
16.05(.632)
18.70 (.736)
19.10 (.752)
1.15 (.045)
1.45 (.057)
5.45 (.215) BSC
(2 Plcs.)
4.90 (.193)
5.10 (.201)
1.45 (.057)
1.60 (.063)
2.70 (.106)
2.90 (.114)
0.40 (.016)
0.65 (.026)
Dimensions in Millimeters (Inches)
Heat Sink (Isolated)
and Leads
are Plated
2.40 (.094)
2.70 (.106)
(Base of Lead)
1.90 (.075)
2.10 (.083)
Cathode
Anode
0.020 (.001)
0.250 (.010)
1.20 (.047)
1.40 (.055)
12.40 (.488)
12.70 (.500)
13.30 (.524)
13.60(.535)
1.00 (.039)
1.15(.045)
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
10.90 (.430) BSC
3.50 (.138)
3.81 (.150)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Dimensions in Millimeters and (Inches)
Anode
Cathode
(Isolated)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com