Electronic Components Datasheet Search
  English  ▼

X  

ADUM3470ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM3470ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3470ARSZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM3470ARSZ Datasheet HTML 1Page - Analog Devices ADUM3470ARSZ Datasheet HTML 2Page - Analog Devices ADUM3470ARSZ Datasheet HTML 3Page - Analog Devices ADUM3470ARSZ Datasheet HTML 4Page - Analog Devices ADUM3470ARSZ Datasheet HTML 5Page - Analog Devices ADUM3470ARSZ Datasheet HTML 6Page - Analog Devices ADUM3470ARSZ Datasheet HTML 7Page - Analog Devices ADUM3470ARSZ Datasheet HTML 8Page - Analog Devices ADUM3470ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Primary Input Supply/5 V
Secondary Isolated Supply .......................................................... 3
 
Electrical Characteristics—3.3 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 5
 
Electrical Characteristics—5 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 7
 
Electrical Characteristics—5 V Primary Input Supply/15 V
Secondary Isolated Supply .......................................................... 9
 
Package Characteristics ............................................................. 11
 
Regulatory Approvals................................................................. 11
 
Insulation and Safety-Related Specifications.......................... 11
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 12
 
Recommended Operating Conditions .................................... 12
 
Absolute Maximum Ratings.......................................................... 13
 
ESD Caution................................................................................ 13
 
Pin Configurations and Function Descriptions ......................... 14
 
Typical Performance Characteristics ........................................... 19
 
Terminology .................................................................................... 24
 
Applications Information .............................................................. 25
 
Theory of Operation .................................................................. 25
 
Application Schematics ............................................................. 25
 
Transformer Design ................................................................... 26
 
Transformer Turns Ratio........................................................... 26
 
Transformer ET Constant ......................................................... 26
 
Transformer Primary Inductance and Resistance ................. 26
 
Transformer Isolation Voltage .................................................. 27
 
Switching Frequency.................................................................. 27
 
Transient Response .................................................................... 27
 
Component Selection ................................................................ 27
 
Printed Circuit Board (PCB) Layout ....................................... 28
 
Thermal Analysis ....................................................................... 28
 
Propagation Delay-Related Parameters................................... 28
 
DC Correctness and Magnetic Field Immunity........................... 29
 
Power Consumption .................................................................. 30
 
Power Considerations................................................................ 30
 
Insulation Lifetime ..................................................................... 31
 
Outline Dimensions ....................................................................... 32
 
Ordering Guide .......................................................................... 32
 
REVISION HISTORY
10/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com