Electronic Components Datasheet Search
  English  ▼

X  

APX809 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX809
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX809 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX809_09 Datasheet HTML 1Page - Diodes Incorporated APX809_09 Datasheet HTML 2Page - Diodes Incorporated APX809_09 Datasheet HTML 3Page - Diodes Incorporated APX809_09 Datasheet HTML 4Page - Diodes Incorporated APX809_09 Datasheet HTML 5Page - Diodes Incorporated APX809_09 Datasheet HTML 6Page - Diodes Incorporated APX809_09 Datasheet HTML 7Page - Diodes Incorporated APX809_09 Datasheet HTML 8Page - Diodes Incorporated APX809_09 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APX809/810
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
1 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Precision Monitoring of +2.5V, +3V, +3.3V, and +5V
Power-Supply Voltages
•
Fully Specified Over Temperature
•
Available in three Output Configurations
•
Push-Pull
RESET Active Low (APX809)
•
Push-Pull
RESET Active High (APX810)
•
200ms Typ Power-On Reset Pulse Width
•
30µA Supply Current (Typ.)
•
Guaranteed Reset Valid to VCC = +1V
•
No External Components
•
SOT23 and SOT23R: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The APX809/810 are used for microprocessor (µP) supervisory
circuits to monitor the power supplies in µP and digital systems.
They provide excellent circuit reliability and low cost by
eliminating external components and adjustments when used
with +5V, +3.3V, +3.0V powered circuits.
These circuits perform a single function: they assert a reset
signal whenever the VCC supply voltage declines below a preset
threshold, keeping it asserted for at least 240ms after VCC has
risen above the reset threshold. Reset thresholds suitable for
operation with a variety of supply voltages are available. The
APX809/810 have push pull outputs. The APX809 have an active
low
RESET output, while the APX810 has an active high
RESET output. The reset comparator is designed to ignore fast
transients on VCC, and the outputs are guaranteed to be in the
correct logic state for VCC down to 1V. Low supply current makes
the APX809/810 ideal for use in portable equipment. The
APX809/810 is available in a 3-pin SOT23 and SOT23R
packages.
•
Computers
•
Controllers
•
Intelligent Instruments
•
Critical µP and µC Power Monitoring
•
Portable/Battery Powered Equipment
•
Automotive
APX 8 XX - XX XX G - 7
Voltage
Package
Packing
7 : Tape & Reel
Enable
Green
G : Green
SA : SOT23
SR : SOT23R
46 : 4.63
44 : 4.38
40 : 4.00
31 : 3.08
29 : 2.93
26 : 2.63
23 : 2.25
09 : Active-Low
10 : Active-High
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
APX809-XXSAG-7
SA
SOT23
3000/Tape & Reel
-7
APX810-XXSAG-7
SA
SOT23
3000/Tape & Reel
-7
APX809-XXSRG-7
SR
SOT23R
3000/Tape & Reel
-7
APX810-XXSRG-7
SR
SOT23R
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - APX809_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX809S00-23SA-7 DIODES-APX809S00-23SA-7 Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
APX809S00-23SR-7 DIODES-APX809S00-23SR-7 Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
APX809S00-24SA-7 DIODES-APX809S00-24SA-7 Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
APX809S00-24SR-7 DIODES-APX809S00-24SR-7 Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
APX809S00-25SA-7 DIODES-APX809S00-25SA-7 Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
More results

Similar Description - APX809_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com