| Electronic Components Datasheet Search |
|
MB90F482B Datasheet(PDF) 9 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482B Datasheet(HTML) 9 Page - fujitsu semiconductor |
|
9 / 124 page ![]() MB90480B/485B Series DS07-13722-11E 9 (Continued) (Continued) Pin No. Pin name I/O circuit type*3 Function QFP*1 LQFP*2 10 8 P31 E (CMOS/H) This is a general purpose I/O port. A01 In non-multiplex mode, this pin functions as an external address pin. BIN0 8/16-bit up/down timer input pin (ch.0) . 12 10 P32 E (CMOS/H) This is a general purpose I/O port. A02 In non-multiplex mode, this pin functions as an external address pin. ZIN0 8/16-bit up/down timer input pin (ch.0) 13 11 P33 E (CMOS/H) This is a general purpose I/O port. A03 In non-multiplex mode, this pin functions as an external address pin. AIN1 8/16-bit up/down timer input pin (ch.1) . 14 12 P34 E (CMOS/H) This is a general purpose I/O port. A04 In non-multiplex mode, this pin functions as an external address pin. BIN1 8/16-bit up/down timer input pin (ch.1) . 15 13 P35 E (CMOS/H) This is a general purpose I/O port. A05 In non-multiplex mode, this pin functions as an external address pin. ZIN1 8/16-bit up/down timer input pin (ch.1) 16, 17 14, 15 P36, P37 D (CMOS) MB90480B series This is a general purpose I/O port. A06, A07 In non-multiplex mode, these pins function as external address pins. P36, P37 E (CMOS/H) MB90485B series This is a general purpose I/O port. A06, A07 In non-multiplex mode, these pins function as external address pins. PWC0, PWC1*4 PWC input pins 18 16 P40 G (CMOS/H) This is a general purpose I/O port. A08 In non-multiplex mode, this pin functions as an external address pin. SIN2 Extended I/O serial interface input pin. 19 17 P41 F (CMOS) This is a general purpose I/O port. A09 In non-multiplex mode, this pin functions as an external address pin. SOT2 Extended I/O serial interface output pin. 20 18 P42 G (CMOS/H) This is a general purpose I/O port. A10 In non-multiplex mode, this pin functions as an external address pin. SCK2 Extended I/O serial interface clock input/output pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |