Electronic Components Datasheet Search
  English  ▼

X  

MB90F482BPMC Datasheet(PDF) 80 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 80 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 76Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 77Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 78Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 79Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 80Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 81Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 82Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 83Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 84Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
MB90480B/485B Series
80
DS07-13722-11E
22.
μDMAC
The
μDMAC is a simplified DMA module with functions equivalent to EI2OS. The μDMAC has 16 DMA data
transfer channels, and provides the following functions.
• Automatic data transfer between peripheral resources (I/O) and memory.
• CPU program execution stops during DMA operation.
• Incremental addressing for transfer source and destination can be turned on/off.
• DMA transfer control from the
μDMAC enable register, μDMAC stop status register, μDMAC status register,
and descriptor.
• Stop requests from resources can stop DMA transfer.
• When DMA transfer is completed, the
μDMAC status register sets a flag in the bit for the corresponding channel
on which transfer was completed, and outputs a completion interrupt to the interrupt controller.
(1) Register List
μDMAC enable register
Initial value
DERH : 0000ADH
00000000B
μDMAC enable register
Initial value
DERL : 0000ACH
00000000B
μDMAC stop status register
Initial value
DSSR : 0000A4H
00000000B
μDMAC status register
Initial value
DSRH : 00009DH
00000000B
μDMAC status register
Initial value
DSRL : 00009CH
00000000B
R/W
R/W
15
14
13
12
11
10
9
8
EN14
EN15
EN13
EN12
EN11
EN10
EN9
EN8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
EN6
EN7
EN5
EN4
EN3
EN2
EN1
EN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
STP6
STP7
STP5
STP4
STP3
STP2
STP1
STP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
DE14
DE15
DE13
DE12
DE11
DE10
DE9
DE8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
DE6
DE7
DE5
DE4
DE3
DE2
DE1
DE0
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com