Electronic Components Datasheet Search
  English  ▼

X  

MB96310 Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 69Page - fujitsu semiconductor MB96310 Datasheet HTML 70Page - fujitsu semiconductor MB96310 Datasheet HTML 71Page - fujitsu semiconductor MB96310 Datasheet HTML 72Page - fujitsu semiconductor MB96310 Datasheet HTML 73Page - fujitsu semiconductor MB96310 Datasheet HTML 74Page - fujitsu semiconductor MB96310 Datasheet HTML 75Page - fujitsu semiconductor MB96310 Datasheet HTML 76Page - fujitsu semiconductor MB96310 Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
MB96310 Series
DS07-13808-2E
73
RC Run 2M
RC Run mode current ICCRCH with the following settings:
•
RC oscillator set to 2MHz (CKFCR:RCFS = 1)
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = fCLKP2 = 2MHz
•
Regulator in High Power Mode
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
•
1 Flash/ROM wait states (MTCRA=0239H)
•
PLL, Main oscillator and Sub oscillator stopped
RC Run 100k
RC Run mode current ICCRCL with the following settings:
•
RC oscillator set to 100kHz (CKFCR:RCFS = 0)
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = fCLKP2 = 100kHz
•
Regulator in Low Power Mode A (SMCR:LPMS = 1)
•
Core voltage at 1.8V (VRCR:LPMA[2:0] = 110B)
•
1 Flash/ROM wait states (MTCRA=0239H)
•
PLL, Main oscillator and Sub oscillator stopped
Sub Run
Sub Run mode current ICCSUB with the following settings:
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = fCLKP2 = 32kHz
•
Regulator in Low Power Mode A (by hardware)
•
Core voltage at 1.8V (VRCR:LPMA[2:0] = 110B)
•
1 Flash/ROM wait states (MTCRA=0239H)
•
PLL, RC oscillator and Main oscillator stopped
PLL Sleep 56
PLL Sleep mode current ICCSPLL with the following settings:
•fCLKS1 = fCLKS2 = fCLKP1 = 56MHz
•fCLKP2 = 28MHz
•
Regulator in High Power Mode
•
Core voltage at 1.9V (VRCR:HPM[1:0] = 11B)
•
RC oscillator and Sub oscillator stopped
PLL Sleep 48
PLL Sleep mode current ICCSPLL with the following settings:
•fCLKS1 = fCLKS2 = 96MHz
•fCLKP1 = 48MHz
•fCLKP2 = 24MHz
•
Regulator in High Power Mode
•
Core voltage at 1.9V (VRCR:HPM[1:0] = 11B)
•
RC oscillator and Sub oscillator stopped
PLL Sleep 24
PLL Sleep mode current ICCSPLL with the following settings:
•fCLKS1 = fCLKS2 = 48MHz
•fCLKP1 = fCLKP2 = 24MHz
•
Regulator in High Power Mode
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
•
RC oscillator and Sub oscillator stopped
Main Sleep
Main Sleep mode current ICCSMAIN with the following settings:
•fCLKS1 = fCLKS2 = fCLKP1 = fCLKP2 = 4MHz
•
Regulator in High Power Mode
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
•
PLL, RC oscillator and Sub oscillator stopped
Mode name
Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com