Electronic Components Datasheet Search
  English  ▼

X  

MB90352TES Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90352TES
Description  16-bit Microcontrollers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90352TES Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90352TES Datasheet HTML 17Page - fujitsu semiconductor MB90352TES Datasheet HTML 18Page - fujitsu semiconductor MB90352TES Datasheet HTML 19Page - fujitsu semiconductor MB90352TES Datasheet HTML 20Page - fujitsu semiconductor MB90352TES Datasheet HTML 21Page - fujitsu semiconductor MB90352TES Datasheet HTML 22Page - fujitsu semiconductor MB90352TES Datasheet HTML 23Page - fujitsu semiconductor MB90352TES Datasheet HTML 24Page - fujitsu semiconductor MB90352TES Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
MB90350E Series
DS07-13744-4E
21
(Continued)
Type
Circuit
Remarks
F
• CMOS level output
(IOL = 4 mA, IOH
= −4 mA)
• CMOS hysteresis inputs (With input
shutdown function when is standby)
• Automotive input (With the standby-time
input shutdown function)
G
• CMOS level output
(IOL = 4 mA, IOH
= −4 mA)
• CMOS hysteresis inputs (With the stand-
by-time input shutdown function)
• Automotive input (With the standby-time
input shutdown function)
• TTL input (With the standby-time input
shutdown function)
• Programmable pull-up resistor:
approx. 50 k
Ω
H
• CMOS level output
(IOL = 3 mA, IOH
= −3 mA)
• CMOS hysteresis inputs (With the stand-
by-time input shutdown function)
• Automotive input (With the standby-time
input shutdown function)
CMOS
hysteresis inputs
Automotive input
Standby control for
input shutdown
Pout
Nout
R
P-ch
N-ch
Pull-up control
CMOS
hysteresis inputs
Automotive input
TTL input
Standby control for
input shutdown
Pull-up
resistor
Pout
Nout
R
P-ch
P-ch
N-ch
CMOS
hysteresis inputs
Automotive input
Standby control for
input shutdown
Pout
Nout
R
P-ch
N-ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com